Electronic Components Datasheet Search
  English  ▼

X  

RH1086M Datasheet(PDF) 3 Page - Linear Technology

Part # RH1086M
Description  0.5A and 1.5A Low Dropout Positive Adjustable Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1086M Datasheet(HTML) 3 Page - Linear Technology

  RH1086M Datasheet HTML 1Page - Linear Technology RH1086M Datasheet HTML 2Page - Linear Technology RH1086M Datasheet HTML 3Page - Linear Technology RH1086M Datasheet HTML 4Page - Linear Technology RH1086M Datasheet HTML 5Page - Linear Technology RH1086M Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RH1086M
3
rh1086mfc
TABLE 1A: ELECTRICAL CHARACTERISTICS (Postirradiation) TA = 25°C, unless otherwise noted.
PARAMETER
CONDITIONS
10KRAD (Si)
20KRAD (Si)
50KRAD (Si)
100KRAD (Si) 200KRAD (Si)
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Reference Voltage
(Note 6)
IOUT = 10mA (VIN – VOUT) = 3V (K) 1.234 1.262 1.230 1.262 1.225 1.262 1.220 1.262 1.205 1.262
V
10mA ≤ IOUT ≤ IFULL LOAD
1.5V ≤ (VIN – VOUT) ≤ 15V
1.220 1.275
1.219
1.275 1.215
1.275 1.210
1.275
1.20
1.275
V
Line Regulation
(Notes 2, 3)
IOUT = 10mA
1.5V ≤ (VIN – VOUT) ≤ 15V
0.2
0.21
0.23
0.25
0.3
%
Load Regulation
(Notes 2, 3, 6)
(VIN – VOUT) = 3V
10mA ≤ IOUT ≤ IFULL LOAD
0.3
0.3
0.3
0.3
0.3
%
Dropout Voltage (Note 4)
ΔVREF = 1%, IOUT = 1.5A (K)
ΔVREF = 1%, IOUT = 0.5A (H)
1.5
1.25
1.51
1.26
1.52
1.27
1.55
1.29
1.575
1.32
V
V
Current Limit
(VIN – VOUT ) = 5V (K)
(VIN – VOUT ) = 25V (K)
(VIN – VOUT ) = 5V (H)
(VIN – VOUT ) = 25V (H)
1.5
0.05
0.5
0.020
1.5
0.049
0.5
0.019
1.5
0.048
0.5
0.019
1.5
0.047
0.5
0.018
1.5
0.045
0.5
0.017
A
A
A
A
Minimum Load Current
(VIN – VOUT ) = 25V
10
10
10
10
10
mA
Adjust Pin Current
120
120
120
120
120
μA
Adjust Pin Current Change
(Note 6)
10mA ≤ IOUT ≤ IFULL LOAD
1.5V ≤ (VIN – VOUT) ≤ 15V
5
555
5
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: See thermal regulation specifications for changes in output voltage
due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing.
Note 3: Line and load regulation are guaranteed up to the maximum power
dissipation of 15W for RH1086MK and 3W for the RH1086MH. Power
dissipation is determined by the input/output differential voltage and
the output current. Guaranteed maximum power dissipation will not be
available over the full input/output voltage range.
Note 4: Dropout voltage is specified over the full output current range of
the device. Test points and limits are shown on the Dropout Voltage curve
in the LT®1086 data sheet.
Note 5: Guaranteed by design, characterization, or correlation to other
tested parameters.
Note 6: IFULL LOAD is defined in the Current Limit curves in the standard
data sheet. For compliance with 883 revision C current density
specifications, the RH1086MK is derated to 1A.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com