Electronic Components Datasheet Search
  English  ▼

X  

RH1086M Datasheet(PDF) 5 Page - Linear Technology

Part # RH1086M
Description  0.5A and 1.5A Low Dropout Positive Adjustable Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1086M Datasheet(HTML) 5 Page - Linear Technology

  RH1086M Datasheet HTML 1Page - Linear Technology RH1086M Datasheet HTML 2Page - Linear Technology RH1086M Datasheet HTML 3Page - Linear Technology RH1086M Datasheet HTML 4Page - Linear Technology RH1086M Datasheet HTML 5Page - Linear Technology RH1086M Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RH1086M
5
rh1086mfc
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL PERFORMANCE CHARACTERISTICS
Current Limit
Line Regulation
Adjust Pin Current
Minimum Load Current
Reference Voltage
Ripple Rejection
Current Limit
Dropout Voltage
Load Regulation
TOTAL DOSE – KRADS (Si)
1
1.26
1.25
1.24
1.23
1.22
10
100
1000
RH1086 G01
10mA ≤ IOUT ≤ IFULL LOAD
1.5V ≤ (VIN – VOUT) ≤ 15V
TOTAL DOSE – KRADS (Si)
1
105
100
95
90
85
80
75
70
65
10
100
1000
RH1086 G02
(VIN – VOUT) = 3V
IOUT = IFULL LOAD
TOTAL DOSE – KRADS (Si)
1
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.0
0.8
0.6
10
100
1000
RH1086 G03
(VIN – VOUT) = 5V
TOTAL DOSE – KRADS (Si)
1
0.15
0.14
0.13
0.12
0.11
0.075
0.070
0.065
0.060
0.055
10
100
1000
RH1086 G04
(VIN – VOUT) = 25V
TOTAL DOSE – KRADS (Si)
1
0.10
0.05
0
–0.05
–0.10
10
100
1000
RH1086 G06
(VIN – VOUT) = 3V
10mA ≤ IOUT ≤ 1.5A
TOTAL DOSE – KRADS (Si)
1
1.6
1.4
1.2
1.1
1.0
10
100
1000
RH1086 G07
IOUT = 1.5A
TOTAL DOSE – KRADS (Si)
1
80
70
60
50
40
10
100
1000
RH1086 G08
(VIN – VOUT) = 3V
10mA ≤ IOUT ≤ IFULL LOAD
TOTAL DOSE – KRADS (Si)
1
4
3
2
1
0
10
100
1000
RH1086 G09
(VIN – VOUT) = 25V
TOTAL DOSE – KRADS (Si)
1
0.3
0.2
0.1
0
–0.1
10
100
1000
RH1086 G05
1.5V ≤ (VIN – VOUT) ≤ 15V
IOUT = 10mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com