Electronic Components Datasheet Search
  English  ▼

X  

BTS6480SF Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS6480SF Datasheet HTML 1Page - Infineon Technologies AG BTS6480SF Datasheet HTML 2Page - Infineon Technologies AG BTS6480SF Datasheet HTML 3Page - Infineon Technologies AG BTS6480SF Datasheet HTML 4Page - Infineon Technologies AG BTS6480SF Datasheet HTML 5Page - Infineon Technologies AG BTS6480SF Datasheet HTML 6Page - Infineon Technologies AG BTS6480SF Datasheet HTML 7Page - Infineon Technologies AG BTS6480SF Datasheet HTML 8Page - Infineon Technologies AG BTS6480SF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
PG-DSO-36-43
Type
Package
Marking
SPOC - BTS6480SF
PG-DSO-36-43
BTS6480SF
Data Sheet
4
Rev. 1.0, 2010-04-12
For Advanced Front Light Control
SPI Power Controller
SPOC - BTS6480SF
1Overview
Features
•
16 bit serial peripheral interface for control and diagnosis
•
Integrated PWM generator
•
Integrated control for two external smart power switches
•
3.3 V and 5 V compatible logic pins
•
Very low stand-by current
•
Enhanced electromagnetic compatibility (EMC) for bulbs as well as
LEDs with increased slew rate
•
Stable behavior at under voltage
•
Device ground independent from load ground
•
Green Product (RoHS-Compliant)
•
AEC Qualified
Description
The SPOC - BTS6480SF is a four channel high-side smart power switch in PG-DSO-36-43 package providing
embedded protective functions. It is especially designed to control standard exterior lighting in automotive
applications. In order to use the same hardware, the device can be configured to bulb or LED mode for channel 2
and channel 3. As a result, both load types are optimized in terms of switching and diagnosis behavior.
It is specially designed to drive exterior lamps up to 65W, 27W and 10W and HIDL.
Product Summary
Operating Voltage Power Switch
V
BB
4.5 … 28 V
Logic Supply Voltage
V
DD
3.0…5.5V
Supply Voltage for Load Dump Protection
V
BB(LD)
40 V
Maximum Stand-By Current at 25
°C
I
BB(STB)
4.5
µA
Typical On-State Resistance at
T
j = 25 °C
channel 0, 1
channel 2, 3
R
DS(ON,typ)
3.5 m
Ω
11 m
Ω
Maximum On-State Resistance at
T
j = 150 °C
channel 0, 1
channel 2, 3
R
DS(ON,max)
9m
Ω
28 m
Ω
SPI Access Frequency
f
SCLK(max)
5MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com