Electronic Components Datasheet Search
  English  ▼

X  

BTS6480SF Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTS6480SF
Description  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS6480SF Datasheet HTML 1Page - Infineon Technologies AG BTS6480SF Datasheet HTML 2Page - Infineon Technologies AG BTS6480SF Datasheet HTML 3Page - Infineon Technologies AG BTS6480SF Datasheet HTML 4Page - Infineon Technologies AG BTS6480SF Datasheet HTML 5Page - Infineon Technologies AG BTS6480SF Datasheet HTML 6Page - Infineon Technologies AG BTS6480SF Datasheet HTML 7Page - Infineon Technologies AG BTS6480SF Datasheet HTML 8Page - Infineon Technologies AG BTS6480SF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
SPOC - BTS6480SF
Overview
Data Sheet
5
Rev. 1.0, 2010-04-12
Configuration and status diagnosis are done via SPI. The SPI is daisy chain capable. The device provides a
current sense signal per channel that is multiplexed to the diagnosis pin IS. It can be enabled and disabled via SPI
commands. An over load and over temperature flag is provided in the SPI diagnosis word. A multiplexed switch
bypass monitor provides short-circuit to VBB diagnosis. In OFF state a current source can be switched to the output
of one selected channel in order to detect an open load.
Additionally, there is an integrated PWM generator implemented, which allows autonomous PWM operation with
programmable phase shifts, duty cycles and PWM frequencies. The status diagnosis and the current sense signal
is available for each channel.
The device provides an external driver capability for two external devices. For each external driver there are two
control outputs available: one output for controlling the input and one output for diagnosis enable input. The current
sense output of the external smart power drivers can be connected to the IS pin. The external drivers can be
controlled by the automatic PWM generator as well.
The SPOC - BTS6480SF provides a fail-safe feature via limp home input pin.
The power transistors are built by N-channel vertical power MOSFETs with charge pumps.
Protective Functions
•
Reverse battery protection with external components
•
ReversaveTM - Reverse battery protection by self turn on of channels 0, 1, 2 and 3
•
Short circuit protection
•
Over load protection
•
Thermal shutdown with latch and dynamic temperature sensor
•
Over current tripping
•
Over voltage protection
•
Loss of ground protection
•
Electrostatic discharge protection (ESD)
Diagnostic Functions
•
Multiplexed proportional load current sense signal (IS)
•
Enable function for current sense signal configurable via SPI
•
High accuracy of current sense signal at wide load current range
•
Current sense ratio (kILIS) configurable for LEDs or bulbs for channel 2 and 3
•
Very fast diagnosis in LED mode
•
Feedback on over temperature and over load via SPI
•
Multiplexed switch bypass monitor provides short circuit to VBB detection
•
Integrated, in two steps programmable current source for open load in OFF-state detection
Application Specific Functions
•
Fail-safe activation via LHI pin
•
Control of two additional loads with external smart power switches
Applications
•
High-side power switch for 12 V grounded loads in automotive applications
•
Especially designed for standard exterior lighting like high beam, low beam, indicator, parking light and
equivalent LEDs
•
Load type configuration via SPI (bulbs or LEDs) for optimized load control
•
Replaces electromechanical relays, fuses and discrete circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com