Electronic Components Datasheet Search
  English  ▼

X  

MCP79400 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP79400
Description  I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79400 Datasheet(HTML) 3 Page - Microchip Technology

  MCP79400 Datasheet HTML 1Page - Microchip Technology MCP79400 Datasheet HTML 2Page - Microchip Technology MCP79400 Datasheet HTML 3Page - Microchip Technology MCP79400 Datasheet HTML 4Page - Microchip Technology MCP79400 Datasheet HTML 5Page - Microchip Technology MCP79400 Datasheet HTML 6Page - Microchip Technology MCP79400 Datasheet HTML 7Page - Microchip Technology MCP79400 Datasheet HTML 8Page - Microchip Technology MCP79400 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
 2011 Microchip Technology Inc.
DS25009A-page 3
MCP7940X
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC............................................................................................................................................................................. 6.5V
All inputs and outputs w.r.t. VSS ..........................................................................................................-0.6V to VCC +1.0V
Storage temperature ............................................................................................................................... -65°C to +150°C
Ambient temperature with power applied................................................................................................-40°C to +125°C
ESD protection on all pins
 4 kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.8V to 5.5V
TA = -40°C to +85°C
Param.
No.
Sym.
Characteristic
Min.
Typ.
Max.
Units
Conditions
—
SCL, SDA pins
—
—
—
—
D1
VIH
High-level input voltage
0.7 VCC
—V
—
D2
VIL
Low-level input voltage
—
0.3 VCC
0.2 VCC
VVCC = 2.5V to 5.5V
D3
VHYS
Hysteresis of Schmitt
Trigger inputs
(SDA, SCL pins)
0.05
VCC
—V
(Note 1)
D4
VOL
Low-level output voltage
(MFP, SDA)
—0.40
V
IOL = 3.0 ma @ VCC = 4.5V
IOL = 2.1 ma @ VCC = 2.5V
D5
ILI
Input leakage current
—
±1
AVIN = VSS or VCC
D6
ILO
Output leakage current
—
±1
AVOUT = VSS or VCC
D7
CIN,
COUT
Pin capacitance
(SDA, SCL and MFP)
—10
pF
VCC = 5.0V (Note 1)
TA = 25°C, f = 400 kHz
D8
ICC Read Operating current
ID
—
400
AVCC = 5.5V, SCL = 400 kHz
ICC Write
—
3
mA
VCC = 5.5V
D9
ICC Read Operating current
SRAM
—
300
AVCC = 5.5V, SCL = 400 kHz
ICC Write
—
400
AVCC = 5.5V, SCL = 400 kHz
D10
ICCS
Standby current (Note 2)
—5
AVCC = 5.5V, SCL = SDA = VCC
D11
IBAT
VBAT Standby Current
(Note 2)
—700
—
nA
VBAT = 1.8V @ 25°C
D12
VTRIP
VBAT Change Over
1.3
1.7
V
1.5V typical at TAMB = 25°C
D13
VCCFT
VCC Fall Time (Note 1)
300
—
sFrom VTRIP (max) to VTRIP (min)
D14
VCCRT
VCC Rise Time (Note 1)
0—
sFrom VTRIP (min) to VTRIP (max)
D15
VBAT
VBAT Voltage Range
(Note 1)
1.3
5.5
V
—
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
Standby with oscillator running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com