Electronic Components Datasheet Search
  English  ▼

X  

MCP79400 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP79400
Description  I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79400 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP79400 Datasheet HTML 7Page - Microchip Technology MCP79400 Datasheet HTML 8Page - Microchip Technology MCP79400 Datasheet HTML 9Page - Microchip Technology MCP79400 Datasheet HTML 10Page - Microchip Technology MCP79400 Datasheet HTML 11Page - Microchip Technology MCP79400 Datasheet HTML 12Page - Microchip Technology MCP79400 Datasheet HTML 13Page - Microchip Technology MCP79400 Datasheet HTML 14Page - Microchip Technology MCP79400 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
 2011 Microchip Technology Inc.
DS25009A-page 11
MCP7940X
4.1.1
RTCC REGISTER ADDRESSES
0x00h – Contains the BCD seconds and 10 seconds.
The range is 00 to 59. Bit 7 in this register is used to
start or stop the on-board crystal oscillator. Setting this
bit to a ‘1’ starts the oscillator and clearing this bit to a
‘0’ stops the on-board oscillator.
0x01h – Contains the BCD minutes and 10 minutes.
The range is 00 to 59.
0x02h – Contains the BCD hour in bits 3:0. Bits 5:4
contain either the 10 hour in BCD for 24-hour format or
the AM/PM indicator and the 10-hour bit for 12-hour
format. Bit 6 determines the hour format. Setting this
bit to ‘0’ enables 24-hour format, setting this bit to ‘1’
enables 12-hour format.
0x03h – Contains the BCD day. The range is 1-7.
Additional bits are also used for configuration and
status.
• Bit 3 is the VBATEN bit. If this bit is set, the
internal circuitry is connected to the VBAT pin
when VCC fails. If this bit is ‘0’ then the VBAT pin is
disconnected and the only current drain on the
external battery is the VBAT pin leakage.
• Bit 4 is the VBAT bit. This bit is set by hardware
when the VCC fails and the VBAT is used to power
the Oscillator and the RTCC registers. This bit is
cleared by software. Clearing this bit will also
clear all the time-stamp registers.
• Bit 5 is the OSCON bit. This is set and cleared by
hardware. If this bit is set, the oscillator is running,
if cleared, the oscillator is not running. This bit
does not indicate that the oscillator is running at
the correct frequency. The RTCC will wait 32
oscillator cycles before the bit is set. The RTCC
will wait roughly 32 clock cycles to clear this bit.
0x04h – Contains the BCD date and 10 date. The
range is 01-31.
0x05h – Contains the BCD month. Bit 4 contains the
10 month. Bit 5 is the Leap Year bit, which is set during
a leap year and is read-only.
0x06h – Contains the BCD year and 10 year. The
Range is 00-99.
0x07h – Is the Control register.
• Bit 7 is the OUT bit. This sets the logic level on the
MFP when not using this as a square wave out-
put.
• Bit 6 is the SQWE bit. Setting this bit enables the
divided output from the crystal oscillator.
• Bits 5:4 determine which alarms are active.
- 00 – No Alarms are active
- 01 – Alarm 0 is active
- 10 – Alarm 1 is active
- 11 – Both Alarms are active
• Bit 3 is the EXTOSC enable bit. Setting this bit will
allow an external 32.768 kHz signal to drive the
RTCC registers eliminating the need for an
external crystal.
• Bit 2:0 sets the internal divider for the 32.768 kHz
oscillator to be driven to the MFP. The duty cycle is
50%. The output is responsive to the Calibration
register. The following frequencies are available:
- 000 – 1 Hz
- 001 – 4.096 kHz
- 010 – 8.192 kHz
- 011 – 32.768 kHz
- 1xx enables the Cal output function. Cal
output appears on MFP if SQWE is set (64
Hz Nominal).
0x08h is the Calibration register. This is an 8-bit
register that is used to add or subtract clocks from the
RTCC counter every minute. The MSB is the sign bit
and indicates if the count should be added or
subtracted. The remaining 7 bits, with each bit adding
or subtracting 2 clocks, give the user the ability to add
or subtract up to 254 clocks per minute.
0x09h is the unlock sequence address. To unlock write
access to the unique ID area in the EEPROM, a
sequence must be written to this address in separate
commands.
The
process
is
fully
detailed
in
Section 4.2.1 “Unlock Sequence”.
0x0Ah-0x0fh and 0x11-0x16h are the Alarm 0 and
Alarm 1 registers. The bits are the same as the RTCC
bits with the following differences:
Locations 0x10h and 0x17h are reserved and should
not be used to allow for future device compatibility.
0x0Dh/0x14h has additional bits for alarm configu-
ration.
1Ch
10 Minutes
Minutes
00h
1Dh
12/24
10 Hour
AM/PM
10 Hours
Hour
00h
1Eh
10 Date
Date
00h
1Fh
Day
10 Month
Month
00h
TABLE 4-1:
RTCC MEMORY MAP (CONTINUED)
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Function
Range
Reset
State
Note:
The RTCC counters will continue to
increment during the calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com