Electronic Components Datasheet Search
  English  ▼

X  

HCS410 Datasheet(PDF) 5 Page - Microchip Technology

Part # HCS410
Description  KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 5 Page - Microchip Technology

  HCS410_11 Datasheet HTML 1Page - Microchip Technology HCS410_11 Datasheet HTML 2Page - Microchip Technology HCS410_11 Datasheet HTML 3Page - Microchip Technology HCS410_11 Datasheet HTML 4Page - Microchip Technology HCS410_11 Datasheet HTML 5Page - Microchip Technology HCS410_11 Datasheet HTML 6Page - Microchip Technology HCS410_11 Datasheet HTML 7Page - Microchip Technology HCS410_11 Datasheet HTML 8Page - Microchip Technology HCS410_11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
HCS410
© 2011 Microchip Technology Inc.
DS40158F-page 5
2.0
DEVICE OPERATION
The HCS410 can either operate as a normal code hop-
ping transmitter with one or two IFF keys (Figure 2-1)
or as purely an IFF token with two IFF keys (Figure 2-2
and Figure 2-3). When used as a code hopping trans-
mitter the HCS410 only needs the addition of buttons
and RF circuitry for use as a transmitter. Adding the
transponder function to the transmitter requires the
addition of an inductor and two capacitors as shown in
Figure 2-1 and Figure 2-2. A description of each pin is
given in Table 2-1. Table 2-2 shows the function codes
for using the HCS410.
FIGURE 2-1:
COMBINED TRANSMITTER/
TRANSPONDER CIRCUIT
FIGURE 2-2:
TRANSPONDER CIRCUIT
FIGURE 2-3:
2-WIRE, 1 OR 2-KEY IFF
TOKEN
Figure 2-4 shows how to use the HCS410 with a 12V
battery as a code hopping transmitter. The circuit uses
the internal regulator, normally used for charging a
capacitor/battery in LC mode, to generate a 6V supply
for the HCS410.
FIGURE 2-4:
HCS410 ENCODER WITH 12V
BATTERY
FIGURE 2-5:
LED CONNECTION TO
S2/LED OUTPUT
FIGURE 2-6:
LC PIN BLOCK DIAGRAM
18
RF
2
3
4
7
6
5
1 µF
18
2
3
4
7
6
5
1 µF
18
2
3
4
7
6
5
1 µF
Data I/O
18
RF
2
3
4
7
6
5
6.3V
12V
Pulse
VDD
S2/LED
220
Ω
220
Ω
60k
30
Ω
VDD
6.3V
Damp
Out
MOD
Detector
Rectifier,
Damping,
Clamping
15V
15V
100
Ω
100
Ω
LC1
LC0
40158F.book Page 5 Wednesday, June 1, 2011 10:36 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com