Electronic Components Datasheet Search
  English  ▼

X  

HCS410 Datasheet(PDF) 10 Page - Microchip Technology

Part # HCS410
Description  KEELOQ짰 Code Hopping Encoder and Transponder 2-bit CRC, 2-bit queue
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410 Datasheet(HTML) 10 Page - Microchip Technology

Back Button HCS410_11 Datasheet HTML 6Page - Microchip Technology HCS410_11 Datasheet HTML 7Page - Microchip Technology HCS410_11 Datasheet HTML 8Page - Microchip Technology HCS410_11 Datasheet HTML 9Page - Microchip Technology HCS410_11 Datasheet HTML 10Page - Microchip Technology HCS410_11 Datasheet HTML 11Page - Microchip Technology HCS410_11 Datasheet HTML 12Page - Microchip Technology HCS410_11 Datasheet HTML 13Page - Microchip Technology HCS410_11 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
HCS410
DS40158F-page 10
© 2011 Microchip Technology Inc.
2.3
Code Hopping Mode Special Features
2.3.1
CODE WORD COMPLETION
Code word completion is an automatic feature that
ensures that the entire code word is transmitted, even
if the button is released before the transmission is com-
plete. The HCS410 encoder powers itself up when a
button is pushed and powers itself down after the com-
mand is finished (Figure 2-7). If MTX3 is set in the con-
figuration word, a minimum of three transmissions will
be transmitted when the HCS410 is activated, even if
the buttons are released.
If less than seven words have been transmitted when
the buttons are released, the HCS410 will complete the
current word. If more than seven words have been
transmitted, and the button is released, the PWM out-
put is immediately switched off.
2.3.2
CODE WORD BLANKING ENABLE
Federal Communications Commission (FCC) part 15
rules specify the limits on fundamental power and
harmonics that can be transmitted. Power is calculated
on the worst case average power transmitted in a
100ms window. It is therefore advantageous to
minimize the duty cycle of the transmitted word. This
can be achieved by minimizing the duty cycle of the
individual bits and by blanking out consecutive words.
Code Word Blanking Enable (CWBE) is used for
reducing the average power of a transmission
(Figure 2-12). Using the CWBE allows the user to
transmit a higher amplitude transmission if the
transmission length is shorter. The FCC puts
constraints on the average power that can be
transmitted by a device, and CWBE effectively
prevents continuous transmission by only allowing the
transmission of every second or fourth word. This
reduces the average power transmitted and hence,
assists in FCC approval of a transmitter device.
The HCS410 will either transmit all code words, 1 in 2
or 1 in 4 code words, depending on the baud rate
selected and the code word blanking option. See
Section 3.7 for additional details.
2.3.3
CRC (CYCLE REDUNDANCY CHECK) BITS
The CRC bits are calculated on the 65 previously trans-
mitted bits. The CRC bits can be used by the receiver
to check the data integrity before processing starts. The
CRC can detect all single bit and 66% of double bit
errors. The CRC is computed as follows:
EQUATION 2-1:
CRC CALCULATION
and
with
and Din the nth transmission bit 0 ð n ð 64
FIGURE 2-12: CODE WORD BLANKING ENABLE
CRC 1
[]n 1
+
CRC 0
[]n Din
⊕
=
CRC 0
[]n 1
+
CRC 0
[]n Din
⊕
()
CRC 1
[]n
⊕
=
CRC 10
,
[]0
0
=
One Code Word
CWBE Disabled
(All words transmitted)
CWBE Enabled
(1 out of 2 transmitted)
A
2A
Amplitude
CWBE Enabled
(1 out of 4 transmitted)
4A
Time
•Patents have been applied for.
40158F.book Page 10 Wednesday, June 1, 2011 10:36 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com