Electronic Components Datasheet Search
  English  ▼

X  

VPS10 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # VPS10
Description  CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VPS10 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  VPS10 Datasheet HTML 1Page - Sanyo Semicon Device VPS10 Datasheet HTML 2Page - Sanyo Semicon Device VPS10 Datasheet HTML 3Page - Sanyo Semicon Device VPS10 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
• High output voltage and wide bandwidth make the
VPS10 optimal for use in fH (horizontal deflection
frequency) = 85 kHz class color monitors.
(f = 100 MHz –3 dB at VOUT = 50 Vp-p)
• SIP molded 15-pin package with three channels in a
single package.
Package Dimensions
unit: mm
2127
Wide-Bandwidth Output Module (video pack)
53096HA (OT) No. 5209-1/4
[VPS10]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
CRT Display Video Output Amplifier:
High-Voltage, Wideband Amplification
VPS10
Ordering number : EN5209
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
120
V
VBB max
15
V
Allowable power dissipation
Pd max
Tc = 25°C with an ideal heat sink
25
W
Junction temperature
Tj max
150
°C
Case temperature
Tc max
100
°C
Storage temperature
Tstg
–20 to +110
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage I
VCC
80
V
VBB
10
V
Recommended supply voltage II
VCC
90
V
VBB
10
V
Operating Conditions at Ta = 25°C


Similar Part No. - VPS10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VPS10 SANYO-VPS10 Datasheet
234Kb / 2P
HYBRID INTERGRATED CIRCUITS/WITH FBET/LSBT PROCESSS CHIPS/WIDE BANDWIDTH VIDEO OUTPUT ICS
VPS10 SANYO-VPS10 Datasheet
350Kb / 2P
Hybrid intergrated circuits/with FBET/LSBT process chips/Wide bandwidth video output ICs
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
POWER TRANSFORMER POWER TRANSFORMER
VPS10-13000 TRIAD-VPS10-13000_13 Datasheet
161Kb / 1P
QUICK-CONNECT WORLD SERIES
VPS10-17500 TRIAD-VPS10-17500 Datasheet
158Kb / 1P
POWER TRANSFORMER CHASSIS MOUNT : CONNECT WORLD SERIES
More results

Similar Description - VPS10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
VP453 SANYO-VP453 Datasheet
90Kb / 5P
CRT Display Video Output Amplifier
VP503 SANYO-VP503 Datasheet
236Kb / 11P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VP513 SANYO-VP513 Datasheet
165Kb / 8P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VP553 SANYO-VP553 Datasheet
92Kb / 5P
CRT Display Video Output Amplifier
VP603 SANYO-VP603 Datasheet
144Kb / 8P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
VPA12 SANYO-VPA12 Datasheet
72Kb / 3P
High-Precision CRT Display Video Output Amplifier
VPS12 SANYO-VPS12 Datasheet
89Kb / 4P
CRT Display Video Output Amplifier: High-Voltage, Wideband Amplifier
VPS13 SANYO-VPS13 Datasheet
88Kb / 4P
CRT Display Video Output Amplifier, High-Voltage/Wideband Amplifier
logo
Fairchild Semiconductor
KSA1381 FAIRCHILD-KSA1381 Datasheet
73Kb / 5P
CRT Display, Video Output
KSA1406 FAIRCHILD-KSA1406 Datasheet
71Kb / 5P
CRT Display, Video Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com