Electronic Components Datasheet Search
  English  ▼

X  

VPS10 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # VPS10
Description  CRT Display Video Output Amplifier: High-Voltage, Wideband Amplification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

VPS10 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  VPS10 Datasheet HTML 1Page - Sanyo Semicon Device VPS10 Datasheet HTML 2Page - Sanyo Semicon Device VPS10 Datasheet HTML 3Page - Sanyo Semicon Device VPS10 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thermal Design
Since the VPS10 includes three channels as shown in the internal equivalent circuit diagram, we first consider a single
channel. The chip temperature of each transistor under actual operating conditions is determined using the following
formula.
Tj (TRi) =
θj-c (TRi) × P
C (TRi) + ∆Tc + Ta (°C) ........................... (1)
θj-c (Tri): Thermal resistance of an individual transistor
PC (Tri):
Collector loss for an individual transistor
∆Tc:
Case temperature rise
Ta:
Ambient temperature
The
θj-c (Tri) for each chip is:
θj-c (TR1) to (TR4) = 30°C/W.......................................................... (2)
Although the loss for each transistor in a video pack varies with frequency and is not uniform, if we assume operation at
the maximum operating frequency, f = 100 MHz (clock), then the chips with the largest loss will be the emitter-follower
stage transistors (TR3 and TR4) and that loss will be about 20% of the total loss. Thus from the Pd (shown in the figure)
for a single channel we have:
PC (E and F stages)f = 100 MHz = Pd (1ch)f = 100 MHz × 0.20 [W] ......... (3)
Here, we must select a heat sink with a capacity
θh such that the Tj of these transistors does not exceed 150°C. Equation
(4) below gives the relationship between
θh and ∆Tc.
∆Tc = Pd (TOTAL) × θh................................................................... (4)
The required
θh is calculated using this equation and equation (1).
No. 5209-3/4
VPS10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com