Electronic Components Datasheet Search
  English  ▼

X  

16F1826 Datasheet(PDF) 3 Page - Microchip Technology

Part # 16F1826
Description  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1826 Datasheet(HTML) 3 Page - Microchip Technology

  16F1826 Datasheet HTML 1Page - Microchip Technology 16F1826 Datasheet HTML 2Page - Microchip Technology 16F1826 Datasheet HTML 3Page - Microchip Technology 16F1826 Datasheet HTML 4Page - Microchip Technology 16F1826 Datasheet HTML 5Page - Microchip Technology 16F1826 Datasheet HTML 6Page - Microchip Technology 16F1826 Datasheet HTML 7Page - Microchip Technology 16F1826 Datasheet HTML 8Page - Microchip Technology 16F1826 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 406 page
background image
 2011 Microchip Technology Inc.
DS41391D-page 3
High-Performance RISC CPU:
• C Compiler Optimized Architecture
• 256 bytes Data EEPROM
• Up to 8 Kbytes Linear Program Memory
Addressing
• Up to 384 bytes Linear Data Memory Addressing
• Interrupt Capability with Automatic Context Saving
• 16-Level Deep Hardware Stack with Optional
Overflow/Underflow Reset
• Direct, Indirect and Relative Addressing modes:
- Two full 16-bit File Select Registers (FSRs)
- FSRs can read program and data memory
Flexible Oscillator Structure:
• Precision 32 MHz Internal Oscillator Block:
- Factory calibrated to ± 1%, typical
- Software selectable frequencies range of
31 kHz to 32 MHz
• 31 kHz Low-Power Internal Oscillator
• Four Crystal modes up to 32 MHz
• Three External Clock modes up to 32 MHz
• 4X Phase-Lock Loop (PLL)
• Fail-Safe Clock Monitor:
- Allows for safe shutdown if peripheral clock
stops
• Two-Speed Oscillator Start-up
• Reference Clock Module:
- Programmable clock output frequency and
duty-cycle
Special Microcontroller Features:
• 1.8V-5.5V Operation – PIC16F1826/27
• 1.8V-3.6V Operation – PIC16LF1826/27
• Self-Programmable under Software Control
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Programmable Brown-out Reset (BOR)
• Extended Watchdog Timer (WDT):
- Programmable period from 1ms to 268s
• Programmable Code Protection
• In-Circuit Serial Programming™ (ICSP™) via
two pins
• In-Circuit Debug (ICD) via two pins
• Enhance Low-Voltage Programming
• Power-Saving Sleep mode
Extreme Low-Power Management
PIC16LF1826/27 with nanoWatt XLP:
• Operating Current: 75
A @ 1 MHz, 1.8V, typical
• Sleep mode: 30 nA
• Watchdog Timer: 500 nA
• Timer1 Oscillator: 600 nA @ 32 kHz
Analog Features:
• Analog-to-Digital Converter (ADC) Module:
- 10-bit resolution, 12 channels
- Auto acquisition capability
- Conversion available during Sleep
• Analog Comparator Module:
- Two rail-to-rail analog comparators
- Power mode control
- Software controllable hysteresis
• Voltage Reference Module:
- Fixed Voltage Reference (FVR) with 1.024V,
2.048V and 4.096V output levels
- 5-bit rail-to-rail resistive DAC with positive
and negative reference selection
Peripheral Highlights:
• 15 I/O Pins and 1 Input Only Pin:
- High current sink/source 25 mA/25 mA
- Programmable weak pull-ups
- Programmable interrupt-on- change pins
• Timer0: 8-Bit Timer/Counter with 8-Bit Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
- Dedicated, low-power 32 kHz oscillator driver
• Up to three Timer2-types: 8-Bit Timer/Counter with
8-Bit Period Register, Prescaler and Postscaler
• Up to two Capture, Compare, PWM (CCP) Modules
• Up to two Enhanced CCP (ECCP) Modules:
- Software selectable time bases
- Auto-shutdown and auto-restart
- PWM steering
• Up to two Master Synchronous Serial Port
(MSSP) with SPI and I2CTM with:
- 7-bit address masking
- SMBus/PMBusTM compatibility
• Enhanced Universal Synchronous Asynchronous
Receiver Transmitter (EUSART) Module
• mTouch™ Sensing Oscillator Module:
- Up to 12 input channels
• Data Signal Modulator Module:
- Selectable modulator and carrier sources
•SR Latch:
- Multiple Set/Reset input options
- Emulates 555 Timer applications
PIC16(L)F1826/27
18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com