Electronic Components Datasheet Search
  English  ▼

X  

16F1826 Datasheet(PDF) 4 Page - Microchip Technology

Part # 16F1826
Description  18/20/28-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1826 Datasheet(HTML) 4 Page - Microchip Technology

  16F1826 Datasheet HTML 1Page - Microchip Technology 16F1826 Datasheet HTML 2Page - Microchip Technology 16F1826 Datasheet HTML 3Page - Microchip Technology 16F1826 Datasheet HTML 4Page - Microchip Technology 16F1826 Datasheet HTML 5Page - Microchip Technology 16F1826 Datasheet HTML 6Page - Microchip Technology 16F1826 Datasheet HTML 7Page - Microchip Technology 16F1826 Datasheet HTML 8Page - Microchip Technology 16F1826 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 406 page
background image
PIC16(L)F1826/27
DS41391D-page 4
 2011 Microchip Technology Inc.
PIC16(L)F1826/27 Family Types
Pin Diagram – 18-Pin PDIP, SOIC (PIC16(L)F1826/27)
Pin Diagram – 20-Pin SSOP (PIC16(L)F1826/27)
Program
Memory
Data
Memory
PIC16LF1826
2K
256
256
16
12
12
2
2/1
1
1
1
—
—
Yes
PIC16F1826
2K
256
256
16
12
12
2
2/1
1
1
1
—
—
Yes
PIC16LF1827
4K
384
256
16
12
12
2
4/1
1
2112
Yes
PIC16F1827
4K
384
256
16
12
12
2
4/1
1
2
1
1
2
Yes
Note 1:
One pin is input only.
PDIP, SOIC
1
2
3
4
18
17
16
15
5
6
7
14
13
12
RA2
RA3
RA4
RA5/MCLR/VPP
VSS
RB0
RB1
RA1
RA0
RA7
RA6
VDD
RB7
RB6
8
9
11
10
RB2
RB3
RB5
RB4
SSOP
1
2
3
4
20
19
18
17
5
7
8
16
14
13
RA2
RA3
RA4
RA5/MCLR/VPP
VSS
RB0
RB1
RA1
RA0
RA7
RA6
VDD
RB7
RB6
9
10
12
11
RB2
RB3
RB5
RB4
6
15
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com