Electronic Components Datasheet Search
  English  ▼

X  

PIC12F1516 Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC12F1516
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1516 Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC12F1516 Datasheet HTML 45Page - Microchip Technology PIC12F1516 Datasheet HTML 46Page - Microchip Technology PIC12F1516 Datasheet HTML 47Page - Microchip Technology PIC12F1516 Datasheet HTML 48Page - Microchip Technology PIC12F1516 Datasheet HTML 49Page - Microchip Technology PIC12F1516 Datasheet HTML 50Page - Microchip Technology PIC12F1516 Datasheet HTML 51Page - Microchip Technology PIC12F1516 Datasheet HTML 52Page - Microchip Technology PIC12F1516 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 344 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41452B-page 49
PIC16(L)F1516/7/8/9
4.2
Code Protection
Code protection allows the device to be protected from
unauthorized access. Program memory protection is
controlled independently. Internal access to the
program memory is unaffected by any code protection
setting.
4.2.1
PROGRAM MEMORY PROTECTION
The entire program memory space is protected from
external reads and writes by the CP bit in Configuration
Word 1. When CP = 0, external reads and writes of
program memory are inhibited and a read will return all
‘0’s. The CPU can continue to read program memory,
regardless of the protection bit settings. Writing the
program memory is dependent upon the write
protection
setting.
See
Section 4.3
“Write
Protection”
for more information.
4.3
Write Protection
Write protection allows the device to be protected from
unintended
self-writes.
Applications,
such
as
bootloader software, can be protected while allowing
other regions of the program memory to be modified.
The WRT<1:0> bits in Configuration Word 2 define the
size of the program memory block that is protected.
4.4
User ID
Four memory locations (8000h-8003h) are designated as
ID locations where the user can store checksum or other
code identification numbers. These locations are
readable and writable during normal execution. See
Section 11.4 “User ID, Device ID and Configuration
Word Access”
for more information on accessing these
memory locations. For more information on checksum
calculation, see the “PIC16(L)F151X/152X Memory
Programming Specification
” (DS41442).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com