Electronic Components Datasheet Search
  English  ▼

X  

PIC12F1516 Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC12F1516
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1516 Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC12F1516 Datasheet HTML 87Page - Microchip Technology PIC12F1516 Datasheet HTML 88Page - Microchip Technology PIC12F1516 Datasheet HTML 89Page - Microchip Technology PIC12F1516 Datasheet HTML 90Page - Microchip Technology PIC12F1516 Datasheet HTML 91Page - Microchip Technology PIC12F1516 Datasheet HTML 92Page - Microchip Technology PIC12F1516 Datasheet HTML 93Page - Microchip Technology PIC12F1516 Datasheet HTML 94Page - Microchip Technology PIC12F1516 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 344 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41452B-page 91
PIC16(L)F1516/7/8/9
9.0
LOW DROPOUT (LDO)
VOLTAGE REGULATOR
The PIC16F151X has an internal Low Dropout
Regulator (LDO) which provides operation above 3.6V.
The LDO regulates a voltage for the internal device
logic while permitting the VDD and I/O pins to operate
at a higher voltage. There is no user enable/disable
control available for the LDO, it is always active. The
PIC16LF151X operates at a maximum VDD of 3.6V and
does not incorporate an LDO.
A device I/O pin may be configured as the LDO voltage
output, identified as the VCAP pin. Although not
required, an external low-ESR capacitor may be con-
nected to the VCAP pin for additional regulator stability.
The VCAPEN bit of Configuration Word 2 enables the
VCAP pin. Refer to Table 9-1.
On power-up, the external capacitor will load the LDO
voltage regulator. To prevent erroneous operation, the
device is held in Reset while a constant current source
charges the external capacitor. After the cap is fully
charged, the device is released from Reset. For more
information on recommended capacitor values and the
constant current rate, refer to the LDO Regulator
Characteristics Table in Section 25.0 “Electrical
Specifications”
.
TABLE 9-2:
SUMMARY OF CONFIGURATION WORD WITH LDO
TABLE 9-1:
VCAPEN SELECT BIT
VCAPEN
Pin
0
RA5
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG2
13:8
LVP
DEBUG
LPBOR
BORV
STVREN
—
48
7:0
—
—
—
VCAPEN
—
—
WRT<1:0>
Legend:
— = unimplemented locations read as ‘0’. Shaded cells are not used by LDO.
Note
1:
PIC16F151X only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com