Electronic Components Datasheet Search
  English  ▼

X  

1N4148CSM Datasheet(PDF) 1 Page - Seme LAB

Part # 1N4148CSM
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N4148CSM Datasheet(HTML) 1 Page - Seme LAB

  1N4148CSM Datasheet HTML 1Page - Seme LAB 1N4148CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 7/00
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Reverse Voltage
Repetitive Peak Reverse Voltage
Average Rectified Forward Current
Forward Current
Repetitive Peak Forward Current
Non-Repetitive Peak Forward Current
Power Dissipation at Tamb = 25 °C
1N4148CSM
MECHANICAL DATA
Dimensions in mm (inches)
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
SILICON EPITAXIAL
PLANAR DIODE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Fast Switching Diode in
Hermetic Ceramic Surface Mount Package
For High Reliability Applications
VR
VRRM
IF(AV)
IF
IFRM
IFSM
Ptot
V
V
mA
mA
mA
mA
mW
t = 1
ms
t = 1s
75
75
150
200
450
2000
500
500
Underside View
PAD 1 — Anode
PAD 2 — Not Connected
PAD 3 — Cathode
SOT23 CERAMIC
(LCC1 PACKAGE)
Tstg
Storage Temperature Range
-55 to +175 °C
Tj
Max junction temperature
+150°C


Similar Part No. - 1N4148CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N4148CSM SEME-LAB-1N4148CSM Datasheet
582Kb / 4P
SILICON EPITAXIAL PLANAR DIODE
logo
TT Electronics.
1N4148CSM TTELEC-1N4148CSM Datasheet
916Kb / 4P
SILICON EPITAXIAL PLANAR DIODE
logo
Seme LAB
1N4148CSM SEME-LAB-1N4148CSM_09 Datasheet
582Kb / 4P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - 1N4148CSM

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com