Electronic Components Datasheet Search
  English  ▼

X  

1N4148CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 1N4148CSM
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

1N4148CSM Datasheet(HTML) 2 Page - Seme LAB

  1N4148CSM Datasheet HTML 1Page - Seme LAB 1N4148CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Prelim. 7/00
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
1N4148CSM
Forward Voltage
Reverse Current
Reverse Avalanche Breakdown
Voltage
Capacitance
Forward Recovery Voltage
Reverse Recovery Time
IF = 10mA
VR = 20V
VR = 20V , Tj = 150°C
IR = 100mA
IR = 5mA
VR = 0V , f = 1 MHz
IF = 50mA , tr = 20ns
IF = 10mA to IR = 60mA
RL = 100W
1
25
50
100
75
4
2.5
4
V
nA
mA
V
V
pF
V
ns
CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
VF
IR
V(BR)R
Cd
Vfr
trr



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com