Electronic Components Datasheet Search
  English  ▼

X  

GMA42 Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMA42
Description  SOT-23
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMA42 Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMA42 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMA42 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMA42 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMA42 GMA43
■
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
電特性
(T
(T
(T
(T
A
A
A
A
=25
=25
=25
=25
℃ unless
unless
unless
unless
otherwise
otherwise
otherwise
otherwise
noted
noted
noted
noted
如無特殊說明,溫度爲 25℃)))
)
1.FR-5=1.0×0.75×0.062in.
2.Alumina=0.4×0.3×0.024in.99.5%alumina.
3.Pulse Width<300us;Duty Cycle<2.0%.
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Collector-Emitter Breakdown Voltage(3)
集電極-射極擊穿電壓(I
C=1mAdc,I
B=0)
V(BR)CEO
GMA42
GMA43
300
200
—
—
Vdc
Collector-Base Breakdown Voltage
集電極-基極擊穿電壓(I
C=100µAdc,IE=0)
V(BR)CBO
GMA42
GMA43
300
200
—
__
Vdc
Emitter-Base Breakdown Voltage
發射極-基極擊穿電壓(I
E= 100µAdc ,IC=0)
V(BR)EBO
6.0
—
Vdc
Emitter Cutoff Current 發射極截止電流
(VEB=6.0Vdc,Ic=0)
(VEB=4.0Vdc,Ic=0)
IEBO
GMA42
GMA43
—
__
100
100
nAdc
Collector Cutoff Current 集電極截止電流
(VCB=200Vdc,IE=0)
(VCB=160Vdc,IE=0)
ICBO
GMA42
GMA43
—
__
100
100
nAdc
DC Current Gain 直流電流增益
HFE
—
(Ic=1.0mAdc,VCE=10.0Vdc)
25
—
(Ic=10mAdc,VCE=10.0Vdc)
40
300
(Ic=30mAdc,VCE=10.0Vdc)
GMA42
GMA43
40
40
—
__
Collector-Emitter Saturation Voltage
集電極-發射極飽和壓降
(Ic=20mAdc, IB=2.0mAdc)
VCE(sat)
GMA42
GMA43
—
—
0.5
0.5
Vdc
Base-Emitter Saturation Voltage
基極-發射極飽和壓降
(Ic=20mAdc, IB=2.0mAdc)
VBE(sat)
—
0.9
Vdc
Current-Gain-Bandwidth Product
電流增益帶寬乘積
(Ic=10mAdc,VCE=20Vdc,f=100MHz)
fT
50
__
MHz
Collector-Base Capacitance 輸出電容
(VCB=20.0Vdc, IE=0, f=1.0MHz)
Ccb
GMA42
GMA43
—
__
3.0
4.0
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com