Electronic Components Datasheet Search
  English  ▼

X  

GMA42 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMA42
Description  SOT-23
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMA42 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMA42 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMA42 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMA42 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMA42 GMA43
■MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
RATINGS
RATINGS
RATINGS
RATINGS
最大額定值
■
THERMAL
THERMAL
THERMAL
THERMAL
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
熱特性
■
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING
打標
Characteristic
特性參數
Symbol
符號
GMA42
GMA43
Unit
單位
Collector-Emitter Voltage
集電極-射極電壓
VCEO
300
200
Vdc
Collector-Base Voltage
集電極-極電壓
VCBO
300
200
Vdc
Emitter-Base Voltage
發射極基極電壓
VEBO
6.0
6.0
Vdc
Collector Current-Continuous
集極電流-連續
Ic
500
500
mAdc
Characteristic
特性參數
Symbol
符號
Max
最大值
Unit
單位
Total Device Dissipation 總耗散功率
Board(1)
TA=25℃環境溫度 25℃
Derate above25℃ 超過 25℃遞減
PD
225
1.8
mW
mW/℃
Thermal Resistance Junction to Ambient
熱阻
RΘJA
556
℃/W
Total Device Dissipation 總耗散功率
Alumina Substrate 氧化鋁襯底(2)TA=25℃
Derate above25℃ 超過 25℃遞減
PD
300
2.4
mW
mW/℃
Thermal Resistance Junction to Ambient
熱阻
RΘJA
417
℃/W
Junction and Storage Temperature
結溫和儲存溫度
TJ,Tstg
150℃, -55to+150℃
GMA42=1D;GMA43=M1E


Similar Part No. - GMA42

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMA42 GTM-GMA42 Datasheet
204Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
GMA42 ETL-GMA42 Datasheet
207Kb / 2P
N P N E P I T A X I A L P L A N A R T R A N S I S T O R
logo
List of Unclassifed Man...
GMA42M ETC2-GMA42M Datasheet
245Kb / 2P
NPN PLASTI-ENCAPSULATE TRANSISTOR
logo
GTM CORPORATION
GMA42M GTM-GMA42M Datasheet
245Kb / 2P
NPN PLASTI-ENCAPSULATE TRANSISTOR
logo
E-Tech Electronics LTD
GMA42M ETL-GMA42M Datasheet
248Kb / 2P
N P N P L A S T I - E N C A P S U L AT E T R A N S I S T O R
More results

Similar Description - GMA42

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM2222 GSME-GM2222 Datasheet
325Kb / 4P
SOT-23
GM2712 GSME-GM2712 Datasheet
280Kb / 3P
SOT-23
GM3356 GSME-GM3356 Datasheet
282Kb / 3P
SOT-23
GM3838 GSME-GM3838 Datasheet
294Kb / 3P
SOT-23
GM4403 GSME-GM4403 Datasheet
351Kb / 4P
SOT-23
GMA92 GSME-GMA92 Datasheet
302Kb / 3P
SOT-23
GMC2412K GSME-GMC2412K Datasheet
275Kb / 3P
SOT-23
MMBTH10 GSME-MMBTH10 Datasheet
294Kb / 3P
SOT-23
logo
Sangdest Microelectroni...
S23LC03 SMC-S23LC03 Datasheet
124Kb / 4P
SOT-23
logo
Guilin Strong Micro-Ele...
2SC3356 GSME-2SC3356 Datasheet
282Kb / 3P
SOT-23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com