Electronic Components Datasheet Search
  English  ▼

X  

ST1000 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # ST1000
Description  Transient Voltage Suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

ST1000 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  ST1000 Datasheet HTML 1Page - Solid States Devices, Inc ST1000 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00033D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
ST1000 Series
Nominal Breakdown
Voltage
Test
Current
Maximum Reverse
Current @ Standoff Voltage
Typical Temperature
Coefficient
Maximum Clamping
Voltage
VBR @ IT
4/
IT
IR @ VR
Standoff Voltage
TC @ IT
VCL @ ICL
ICL
V (Nom)
A
B
mA
µA
V
% / °C
V
Amps
7.5
8.2
9.1
10
11
10%
5%
175
150
150
125
125
3000
2400
100
40
30
6.2
6.8
7.5
8.2
9.1
0.07
0.08
0.08
0.09
0.10
11.3
12.3
13.3
14.8
15.7
44.2
40.6
37.6
34.0
31.8
12
13
15
16
18
10%
5%
100
100
75
75
65
20
10
10
10
10
10
11
12
13
15
0.10
0.10
0.10
0.11
0.11
17.0
18.9
20.9
22.9
25.6
29.4
26.4
23.9
21.8
19.5
20
22
24
27
30
10%
5%
65
50
50
50
40
10
10
10
10
10
16
18
20
22
24
0.11
0.11
0.11
0.11
0.11
28.4
31.0
33.8
38.1
42.2
17.6
16.1
14.8
13.1
11.8
33
36
39
43
47
10%
5%
40
30
30
25
25
10
10
10
10
10
27
30
33
36
39
0.11
0.11
0.11
0.12
0.12
46.2
50.1
54.1
60.7
65.5
10.8
10.0
9.2
8.2
7.6
51
56
62
68
75
10%
5%
25
20
20
20
20
10
10
10
10
10
43
47
51
56
62
0.12
0.12
0.13
0.13
0.13
70.8
78.6
86.5
94.4
103.5
7.0
6.3
5.8
5.3
4.8
82
91
100
110
120
10%
5%
15
15
12
12
10
10
10
10
10
10
68
75
82
91
100
0.13
0.13
0.13
0.13
0.13
114
126
139
152
167
4.3
3.9
3.6
3.3
3.0
130
150
160
180
200
10%
5%
10
8.0
8.0
5.0
5.0
10
10
10
10
10
110
130
150
160
170
0.13
0.13
0.13
0.13
0.13
185
204
224
249
276
2.7
2.4
2.2
2.0
1.8
220
240
270
300
330
10%
5%
5.0
5.0
5.0
5.0
5.0
10
10
10
10
10
180
200
220
240
270
0.13
0.13
0.13
0.13
0.13
305
336
380
419
459
1.6
1.5
1.3
1.2
1.1
360
390
430
470
510
10%
5%
5.0
5.0
5.0
5.0
5.0
10
10
10
10
10
300
330
360
390
430
0.13
0.13
0.13
0.13
0.13
498
537
603
655
707
1.00
0.93
0.83
0.76
0.71
Figure 1 – Exponential 10 / 1000 uS Waveform



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com