Electronic Components Datasheet Search
  English  ▼

X  

ST1000 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # ST1000
Description  Transient Voltage Suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

ST1000 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  ST1000 Datasheet HTML 1Page - Solid States Devices, Inc ST1000 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: T00033D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
FEATURES:
Hermetically Sealed in Glass
High Peak Transient Power 1000 W
Can Be Used as a 5 W Zener
Available in Axial, Surface Mount, and Ministud
Configurations
TX, TXV, and Space Level Screening Available
2/
Higher Voltages Available (consult factory)
Part Number / Ordering Information 1/
ST1000 A 9.1 SMS TX
│
│
│
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening
2/
__= Not Screened
TX = TX Level
TXV = TXV Level
S
= S Level
│
│
│
│
│
│
│
│
│
│
└
Package:
3/
__ = Axial
SMS = Square Tab
V = Isolated Ministud
C = Ministud
│
│
└
Voltage: example
9.1 = 9.1V
└ Tolerance A =
 10%
B =
 5 %
Maximum Ratings
Symb l Value
Unit
Peak pulse power dissipation
100 µs Square Wave (see Fig 2)
PPPM
1000
W
Peak pulse power dissipation
5/
10/1000 µs waveform (see Fig 1 & 2)
PPPM
500
W
Steady State Power Dissipation
Axial Lead : TL=25ºC, L=3/8"
SMS & Ministud: TC or TE = 75 ºC
PD
6.0
W
Operating and Storage Temp.
Top & Tstg
-65 to
+175
ºC
Maximum Forward Voltage Drop
IF = 6.0 Apk, TA = 25 ºC, pulsed
VF
1.3
V
Thermal Resistance,
Junction to Lead L=3/8”
RθJL
25
ºC/W
Thermal Resistance,
Junction to End Cap
Junction to Case
RθJE
RθJC
8
ºC/W
ST1000 Series
1000 W
Transient Voltage Suppressor
7.5 – 510 VOLTS
Axial
DIM
MIN
MAX
A
––
0.158”
B
––
0.185”
C
0.047”
0.053”
D
1.0”
––
SMS
DIM
MIN
MAX
A
0.170"
0.180”
B
0.200”
0.225”
C
0.018”
0.027”
D
0.001”
––
Isolated Ministud
Ministud
NOTES:
1/ For ordering information, price, and availability – contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request. X-Ray shall be performed in lieu of Precap Inspection – Consult factory.
3/ Consult factory for package outlines.
4/ All voltages are measured with an automated test set using a 35 msec test time. Longer or shorter test time will have a corresponding effect on the
measured value due to heating effects.
5/ Exponential waveform i.a.w. IEC60-1 10/1000 uS pulse


Similar Part No. - ST1000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST1000-30T3KI VISHAY-ST1000-30T3KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST1000-30T3MI VISHAY-ST1000-30T3MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST1000-60T4MI VISHAY-ST1000-60T4MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
Littelfuse
ST10001B LITTELFUSE-ST10001B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
ST10003B LITTELFUSE-ST10003B Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
More results

Similar Description - ST1000

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com