Electronic Components Datasheet Search
  English  ▼

X  

2N3019 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3019
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3019 Datasheet(HTML) 1 Page - Seme LAB

  2N3019 Datasheet HTML 1Page - Seme LAB 2N3019 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Prelim.6/99
2N3019
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
NPN SILICON TRANSISTOR
FEATURES
• NPN High Voltage Planar Transistor
• Hermetic TO39 Package
• Full Screening Options Available
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage
VEBO
Emitter – Base Voltage
IC
Collector Current
PD
Total Device Dissipation @ TA = 25°C
PD
Derate above 25°C
PD
Total Device Dissipation @ TC = 25°C
PD
Derate above 25°C
Tj
Max Junction Temperature
Tstg
Storage Temperature
Rjc
Thermal Resistance Junction to Case
Rja
Thermal Resistance Junction to Ambient
140V
80V
7V
1A
0.8W
4.6mW / °C
5W
28.6mW / °C
200°C
–55 to 200°C
16.5°C / W
89.5°C / W
MECHANICAL DATA
Dimensions in mm (inches)
TO39 PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
Pin 1 = Emitter
Underside View
Pin 2 = Base
Pin 3 = Collector
0.89
(0.035)
max.
0.66 (0.026)
1.14 (0.045)
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
5.08 (0.200)
typ.
45˚
12.70
(0.500)
min.
4.19 (0.165)
4.95 (0.195)
8.89 (0.35)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
7.75 (0.305)
8.51 (0.335)
dia.
1
2
3


Similar Part No. - 2N3019

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3019 PHILIPS-2N3019 Datasheet
51Kb / 8P
NPN medium power transistor
1997 Jun 19
logo
STMicroelectronics
2N3019 STMICROELECTRONICS-2N3019 Datasheet
67Kb / 4P
HIGH CURRENT, HIGH FREQUENCY AMPLIFIERS
Nov-1997
logo
Semicoa Semiconductor
2N3019 SEMICOA-2N3019 Datasheet
31Kb / 1P
Chip Type 2C3019 Geometry 4500 Polarity PNP
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
Type 2N3019 Geometry 4500 Polarity NPN
logo
Siemens Semiconductor G...
2N3019 SIEMENS-2N3019 Datasheet
135Kb / 5P
NPN SILICON PLANAR TRANSISTOR
More results

Similar Description - 2N3019

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com