Electronic Components Datasheet Search
  English  ▼

X  

2N3019 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3019
Description  NPN SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3019 Datasheet(HTML) 2 Page - Seme LAB

  2N3019 Datasheet HTML 1Page - Seme LAB 2N3019 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Prelim.6/99
2N3019
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max. Unit
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
IC = 30mA
IB = 0
IC = 100mA
IE = 0
IE = 100mA
IC = 0
VCB = 90V
IE = 0
VCB = 90V
IE = 0
Tamb = 150°C
VBE = 5V
IC = 0
IC = 150mA
IB = 15mA
IC = 500mA
IB = 50mA
IC = 150mA
IB = 15mA
IC = 0.1mA
VCE = 10V
IC = 10mA
VCE = 10V
IC = 150mA
VCE = 10V
IC = 500mA
VCE = 10V
IC = 1A
VCE = 10V
IC = 150mA
VCE = 0.5V
V(BR)CEO
Collector – Emitter Breakdown Voltage
V(BR)CBO*
Collector – Base Breakdown Voltage
V(BR)EBO*
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
VCE(sat)
Collector – Emitter Saturation Voltage
VBE(sat)
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
TC = –55°C
80
140
7
0.01
10
0.010
0.20
0.50
1.1
50
90
100
300
50
15
40
V
V
V
mA
mA
V
V
—
fT
Transition Frequency
Cobo
Output Capacitance
Cibo
Input Capacitance
hfe
Small Signal Current Gain
rb’Cc
Collector Base Time Constant
NF
Noise Figure
IC = 50mA
VCE = 10V
f = 20MHz
VCB = 10V
IE = 0
f = 1.0MHz
VBE = 0.5V IC = 0
f = 1.0MHz
IC = 1mA
VCE = 5V
f = 1kHz
IE = 10mA
VCB = 10V
f = 79.8MHz
IC = 100mA
VCE = 10V
f = 1kHz
RS = 1KW
100
400
12
60
80
400
15
400
4
MHz
pF
pF
—
ps
db
t* Pulse test tp = 300ms , d£ 1%
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com