Electronic Components Datasheet Search
  English  ▼

X  

2AS01 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # 2AS01
Description  Off-Line SMPS Current Mode Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2AS01 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button 2AS01 Datasheet HTML 11Page - Infineon Technologies AG 2AS01 Datasheet HTML 12Page - Infineon Technologies AG 2AS01 Datasheet HTML 13Page - Infineon Technologies AG 2AS01 Datasheet HTML 14Page - Infineon Technologies AG 2AS01 Datasheet HTML 15Page - Infineon Technologies AG 2AS01 Datasheet HTML 16Page - Infineon Technologies AG 2AS01 Datasheet HTML 17Page - Infineon Technologies AG 2AS01 Datasheet HTML 18Page - Infineon Technologies AG 2AS01 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ICE2AS01/S01G
ICE2BS01/S01G
Electrical Characteristics
Datasheet
15
30 Jun 2006
4
Electrical Characteristics
4.1
Absolute Maximum Ratings
Note:
Absolute maximum ratings are defined as ratings, which when being exceeded may lead to destruction
of the integrated circuit. For the same reason make sure, that any capacitor that will be connected to pin 6
(VCC) is discharged before assembling the application circuit.
4.2
Operating Range
Note:
Within the operating range the IC operates as described in the functional description.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
VCC Supply Voltage
VCC
-0.3
22
V
FB Voltage
VFB
-0.3
6.5
V
SoftS Voltage
VSoftS
-0.3
6.5
V
ISense
ISense
-0.3
3
V
Junction Temperature
Tj
-40
150
°C
Controller & CoolMOS
Storage Temperature
TS
-50
150
°C
Thermal Resistance
Junction-Ambient
RthJA
-
90
K/W
PG-DIP-8
Thermal Resistance
Junction-Ambient
RthJA
-
185
K/W
PG-DSO-8
ESD Capability1)
1)
Equivalent to discharging a 100pF capacitor through a 1.5 k
Ω series resistor
VESD
-
2
kV
Human Body Model
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
VCC Supply Voltage
VCC
VCCoff
21
V
Junction Temperature of
Controller
TJCon
-25
130
°C
limited due to thermal shut down of
controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com