Electronic Components Datasheet Search
  English  ▼

X  

IMX53CEC Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 204 page
background image
Electrical Characteristics
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
31
4.3.2.2
LPDDR2 Mode I/O DC Parameters
The LPDDR2 interface fully complies with JESD209-2B LPDDR2 JEDEC standard release June, 2009.
Table 12. DDR2 I/O DC Electrical Parameters1
1 Note that the JEDEC SSTL_18 specification (JESD8-15a) for a SSTL interface for class II operation supersedes any
specification in this document.
Parameters
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage2
2 OVDD is the I/O power supply (1.7 V–1.9 V for DDR2)
Voh
—
0.9*OVDD
—
—
V
Low-level output voltage
Vol
—
—
—
0.1*OVDD
V
Output minimum Source Current3
3 (Vout - OVDD) / Ioh must be less than 21
Ω for values of Vout between OVDD and OVDD-0.28 V.
Ioh
OVDD=1.7 V,
Vout=1.42 V
–13.4
—
—
mA
Output min Sink Current4
4 Vout / Iol must be less than 21
Ω for values of Vout between 0 V and 280 mV.
Iol
OVDD=1.7 V,
Vout=280 mV
13.4
—
—
mA
Input Reference Voltage
Vref
0.49*OVDD
0.5*OVDD
0.51*OVDD
DC input High Voltage (data pins)
Vihd
(dc)
—
Vref+0.125V
—
OVDD+0.3
V
DC input Low Voltage (data pins)
Vild (dc)
—
–0.3
—
Vref-0.125V
V
DC Input voltage range of each
differential input5
5 Vin(dc) specifies the allowable DC voltage exertion of each differential input.
Vin (dc)
—
–0.3
—
OVDD+0.3
V
DC Differential input voltage required for
switching 6
6 Vid(dc) specifies the input differential voltage |Vtr-Vcp| required for switching, where Vtr is the “true” input level and Vcp is the
“complementary” input level. The minimum value is equal to Vih(dc) -Vil(dc).
Vid (dc)
—
0.25
—
OVDD+0.6
V
Termination Voltage
Vtt
Vtt
Vref – 0.04
Vref
Vref + 0.04
V
Input current (no pull-up/down)
Iin
Vin = 0 V
Vin=OVDD
—
—
—
—
1
1
μA
Keeper Circuit Resistance
—
—
—
1307
7 Use an off-chip pull resistor of less than 60 k
Ω to override this keeper.
—k
Ω
Table 13. LPDDR2 I/O DC Electrical Parameters1
Parameters
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage
Voh
—
0.9*OVDD
—
—
V
Low-level output voltage
Vol
—
—
—
0.1*OVDD
V
Input Reference Voltage
Vref
0.49*OVDD
0.5*OVDD
0.51*OVDD
DC input High Voltage
Vih(dc)
—
Vref+0.13V
—
OVDD
V
DC input Low Voltage
Vil(dc)
—
OVSS
—
Vref-0.13V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com