Electronic Components Datasheet Search
  English  ▼

X  

IMX53CEC Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 116Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 117Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 118Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 119Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 120Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 121Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 122Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 123Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
120
Freescale Semiconductor
Electrical Characteristics
4.7.13.1.1
Reference Clock Jitter Measurement
The total phase jitter on the reference clock is specified at 3 ps RMS. There are numerous ways to measure
the reference clock jitter, one of which is as follows.
Using a high-speed sampling scope (20 GSamples/s), 1 million samples of the differential reference clock
are taken, and the zero-crossing times of each rising edge are calculated. From the zero-crossing data, an
average reference clock period is calculated. This average reference clock period is subtracted from each
sequential, instantaneous period to find the difference between each reference clock rising edge and the
ideal placement to produce the phase jitter sequence. The power spectral density (PSD) of the phase jitter
is calculated and integrated after being weighted with the transfer function shown in Figure 74. The square
root of the resultant integral is the RMS total phase jitter.
Figure 74. Weighting Function for RMS Phase Jitter Calculation
4.7.13.2
Transmitter and Receiver Characteristics
The SATA PHY meets or exceeds the electrical compliance requirements defined in the SATA
specification. The following subsections provide values obtained from a combination of simulations and
silicon characterization.
NOTE
The tables in the following sections indicate any exceptions to the SATA
specification or aspects of the SATA PHY that exceed the standard, as well
as provide information about parameters not defined in the standard.
4.7.13.2.1
SATA PHY Transmitter Characteristics
Table 78 provides specifications for SATA PHY transmitter characteristics.
Table 78. SATA2 PHY Transmitter Characteristics
Parameters
Symbol
Min
Typ
Max
Unit
Transmit common mode voltage
VCTM
0.4
—
0.6
V
Transmitter pre-emphasis accuracy (measured
change in de-emphasized bit)
—–0.5
—
0.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com