Electronic Components Datasheet Search
  English  ▼

X  

IMX53CEC Datasheet(PDF) 144 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 144 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 140Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 141Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 142Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 143Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 144Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 145Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 146Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 147Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 148Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
144
Freescale Semiconductor
Electrical Characteristics
4.7.18.2
Parallel Interface (Normal ULPI) Timing
Electrical and timing specifications of Parallel Interface (Normal ULPI) for Host Port2 and Port3 are
presented in the subsequent sections.
Figure 97. USB Transmit/Receive Waveform in Parallel Mode
4.7.19
USB PHY Parameters
This section describes the USB-OTG PHY and the USB Host port PHY parameters.
4.7.19.1
USB PHY AC Parameters
Table 102 lists the AC timing parameters for USB PHY.
Table 100. Signal Definitions - Parallel Interface (Normal ULPI)
Name
Direction
Signal Description
USB_Clk
In
Interface clock. All interface signals are synchronous to Clock.
USB_Data[7:0]
I/O
Bi-directional data bus, driven low by the link during idle. Bus
ownership is determined by Dir.
USB_Dir
In
Direction. Control the direction of the Data bus.
USB_Stp
Out
Stop. The link asserts this signal for 1 clock cycle to stop the
data stream currently on the bus.
USB_Nxt
In
Next. The PHY asserts this signal to throttle the data.
Table 101. USB Timing Specification for Normal ULPI Mode
ID
Parameter
Min
Max
Unit
Conditions /
Reference Signal
US15
Setup Time (Dir&Nxt in, Data in)
6.0
—
ns
10 pF
US16
Hold Time (Dir&Nxt in, Data in)
0.0
—
ns
10 pF
US17
Output Delay Time (Stp out, Data out
—
9.0
ns
10 pF
USB_Stp
USB_Dir/Nxt
US17
US16
USB_Data
US15
US16
US15
US17
USB_Clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com