Electronic Components Datasheet Search
  English  ▼

X  

IMX53CEC Datasheet(PDF) 168 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 168 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 164Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 165Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 166Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 167Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 168Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 169Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 170Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 171Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 172Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 204 page
background image
i.MX53xD Applications Processors for Consumer Products, Rev. 2
168
Freescale Semiconductor
Package Information and Contact Assignments
NOTE
KEY_COL0 and GPIO_19 act as output for diagnostic signals during
power-on reset.
USB_H1_DP
A17
USB_H1_VDDA25,
USB_H1_VDDA33
ANALOG50 —
USB
USB_H1_DP
—
—
USB_H1_GPA
NAIO
A16
USB_H1_VDDA25,
USB_H1_VDDA33
ANALOG25 —
USB
USB_H1_GPANA
IO
——
USB_H1_RRE
FEXT
B16
USB_H1_VDDA25,
USB_H1_VDDA33
ANALOG25 —
USB
USB_H1_RREFE
XT
——
USB_H1_VBU
S
D15
USB_H1_VDDA25,
USB_H1_VDDA33
ANALOG50 —
USB
USB_H1_VBUS
—
—
USB_OTG_D
N
A19
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG50 —
USB
USB_OTG_DN
—
—
USB_OTG_DP B19
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG50 —
USB
USB_OTG_DP
—
—
USB_OTG_G
PANAIO
F15
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG25 —
USB
USB_OTG_GPA
NAIO
——
USB_OTG_ID
C16
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG25 —
USB
USB_OTG_ID
—
—
USB_OTG_R
REFEXT
D16
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG25 —
USB
USB_OTG_RRE
FEXT
——
USB_OTG_VB
US
E15
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG50 —
USB
USB_OTG_VBU
S
——
XTAL
AC11
NVCC_XTAL
ANALOG
—
XTALO
SC
XTAL
—
—
1 The state immediately after reset and before ROM firmware or software has executed.
2 During power-on reset, this port acts as input for fuse override. See Section 5.1, “Boot Mode Configuration Pins” for details.
For appropriate resistor values, see Chapter 1 of i.MX53 System Development User's Guide, document number MX53UG.
3 During power-on reset this port acts as output for diagnostic signal INT_BOOT
4 During power-on reset this port acts as output for diagnostic signal ANY_PU_RST
Table 112. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Package
Contact
Assign
ment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block I/O
Direction
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com