Electronic Components Datasheet Search
  English  ▼

X  

33886 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33886
Description  TTL / CMOS Compatible Inputs PWM Frequencies up to 10 kHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33886 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33886 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 27Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33886
5.0 A H-BRIDGE
THERMAL ADDENDUM - REVISION 2.0
5.0 A H-BRIDGE
THERMAL ADDENDUM - REVISION 2.0
Introduction
This thermal addendum is provided as a supplement to the MC33186
technical data sheet. The addendum provides thermal performance information
that may be critical in the design and development of system applications. All
electrical, application, and packaging information is provided in the data sheet.
Packaging and Thermal Considerations
The MC33186 is offered in a 20 pin HSOP exposed pad, single die package.
There is a single heat source (P), a single junction temperature (TJ), and thermal
resistance (RθJA).
The stated values are solely for a thermal performance comparison of one
package to another in a standardized environment. This methodology is not
meant to and will not predict the performance of a package in an application-
specific environment. Stated values were obtained by measurement and
simulation according to the standards listed below.
Standards
NOTES:
1.Per JEDEC JESD51-2 at natural convection, still air condition.
2.2s2p thermal test board per JEDEC JESD51-5 and JESD51-7.
3.Per JEDEC JESD51-8, with the board temperature on the center
trace near the center lead.
4.Single layer thermal test board per JEDEC JESD51-3 and
JESD51-5.
5.Thermal resistance between the die junction and the exposed
pad surface; cold plate attached to the package bottom side,
remaining surfaces insulated.
Figure 24. Thermal Land Pattern for Direct Thermal
Attachment According to JESD51-5
20-PIN HSOP-EP
33886HSOP
Note For package dimensions, refer to
the 33886 device data sheet.
VW (Pb-FREE) SUFFIX
98ASH70702A
20-PIN HSOP-EP
TJ
=
RθJA
.
P
Table 6. Thermal Performance Comparison
Thermal Resistance
[°C/W]
RθJA
(1)(2)
20
RθJB
(2)(3)
6.0
RθJA
(1)(4)
52
RθJC
(5)
1.0
1.0
1.0
0.2
0.2
Soldermast
openings
Thermal vias
connected to top
buried plane
* All measurements
are in millimeters
20 Terminal HSOP-EP
1.27 mm Pitch
16.0 mm x 11.0 mm Body
12.2 mm x 6.9 mm Exposed Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com