Electronic Components Datasheet Search
  English  ▼

X  

33886 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33886
Description  TTL / CMOS Compatible Inputs PWM Frequencies up to 10 kHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33886 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33886 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33886
ELECTRICAL CHARACTERISTICS
TYPICAL SWITCHING WAVEFORMS
Table 5. Truth Table
The tri-state conditions and the fault status are reset using D1 or D2. The truth table uses the following notations: L = Low,
H = High, X = High or Low, and Z = High-impedance (all output power transistors are switched off).
Device State
Input Conditions
Fault Status
Flag
Output States
D1
D2
IN1
IN2
FS
OUT1
OUT2
Forward
L
H
H
L
H
H
L
Reverse
L
H
L
H
H
L
H
Freewheeling Low
L
H
L
L
H
L
L
Freewheeling High
L
H
H
H
H
H
H
Disable 1 (D1)
H
X
X
X
L
Z
Z
Disable 2 (D2)
X
L
X
X
L
Z
Z
IN1 Disconnected
L
H
Z
X
H
H
X
IN2 Disconnected
L
H
X
Z
H
X
H
D1 Disconnected
Z
X
X
X
L
Z
Z
D2 Disconnected
X
Z
X
X
L
Z
Z
Undervoltage (27)
X
X
X
X
L
Z
Z
Overtemperature (28)
X
X
X
X
L
Z
Z
Short Circuit (28)
X
X
X
X
L
Z
Z
Notes
27.
In the case of an under-voltage condition, the outputs tri-state and the fault status is set logic Low. Upon under-voltage recovery, fault
status is reset automatically or automatically cleared and the outputs are restored to their original operating condition.
28.
When a short-circuit or over-temperature condition is detected, the power outputs are tri-state latched-OFF independent of the input
signals and the fault status flag is set logic Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com