Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33905
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33903/4/5
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
ANALOG MUX OUTPUT
Output Voltage Range, with external resistor to GND >2.0 k
Ω
VOUT_MAX
0.0
-
VDD - 0.5
V
Internal pull-down resistor for regulator output current sense
RMI
0.8
1.9
2.8
k
Ω
External capacitor at MUX OUTPUT(20) (Guaranteed by design)
CMUX
-
-
1.0
nF
Chip temperature sensor coefficient (Guaranteed by design and device
characterization)
VDD = 5.0 V
VDD = 3.3 V
TEMP-COEFF
20
13.2
21
13.9
22
14.6
mv/°C
Chip temperature: MUX-OUT voltage
VDD = 5.0 V, TA = 125 °C
VDD = 3.3 V, TA = 125 °C
VTEMP
3.6
2.45
3.75
2.58
3.9
2.65
V
Chip temperature: MUX-OUT voltage (guaranteed by design and
characterization)
TA = -40 °C, VDD = 5.0 V
TA = 25 °C, VDD = 5.0 V
TA = -40 °C, VDD = 3.3 V
TA = 25 °C, VDD = 3.3 V
VTEMP(GD)
0.12
1.5
0.07
1.08
0.30
1.65
0.19
1.14
0.48
1.8
0.3
1.2
V
Gain for VSENSE, with external 1.0 k 1% resistor
VDD = 5.0 V
VDD = 3.3 V
VSENSE GAIN
5.42
8.1
5.48
8.2
5.54
8.3
Offset for VSENSE, with external 1.0 k 1% resistor
VSENSE
OFFSET
-20
-
20
mV
Divider ratio for VSUP/1
VDD = 5.0 V
VDD = 3.3 V
VSUP/1 RATIO
5.335
7.95
5.5
8.18
5.665
8.45
Attenuation/Gain ratio for I/O-0 and I/O-1 actual voltage:
VDD = 5.0 V, I/O = 16 V (Attenuation, MUX-OUT register bit 3 set to 1)
VDD = 5.0 V, (Gain, MUX-OUT register bit 3 set to 0)
VDD = 3.3 V, I/O = 16 V (Attenuation, MUX-OUT register bit 3 set to 1)
VDD = 3.3 V, (Gain, MUX-OUT register bit 3 set to 0)
VI/O RATIO
3.8
-
5.6
-
4.0
2.0
5.8
1.3
4.2
-
6.2
-
Internal reference voltage
VDD = 5.0 V
VDD = 3.3 V
VREF
2.45
1.64
2.5
1.67
2.55
1.7
V
Current ratio between VDD output & IOUT at MUX-OUT
(IOUT at MUX-OUT = IDD out / IDD_RATIO)
At IOUT = 50 mA
I_OUT from 25 to 150 mA
IDD_RATIO
80
62.5
97
97
115
117
SAFE OUTPUT
SAFE low level, at I = 500
μA
VOL
0.0
0.2
1.0
V
Safe leakage current (VDD low, or device unpowered). VSAFE 0 to 28 V.
ISAFE-IN
-
0.0
1.0
μA
Notes
20.
When C is higher than CMUX, a serial resistor must be inserted
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 28 V, -40 °C ≤ TA ≤ 125 °C, unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com