Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # 33905
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 85Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 86Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 87Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 88Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 89Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 90Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 91Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 92Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
89
33903/4/5
SERIAL PERIPHERAL INTERFACE
FLAGS AND DEVICE STATUS
FIX AND EXTENDED DEVICE STATUS
For every SPI command, the device response on MISO is
fixed status information. This information is either:
Two Bytes
Fix Status + Extended Status: when a device write
command is used (MOSI bits 15-14, bits C1 C0 = 01)
One Byte
Fix Status: when a device read operation is performed
(MOSI bits 15-14, bits C1 C0 = 00 or 11).
Table 39. Status Bits Description
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MISO
INT
WU
RST
CAN-G
LIN-G
I/O-G
SAFE-G VREG-G CAN-BUS CAN-LOC LIN2 LIN1
I/O-1 I/O-0 VREG-1
VREG-0
Bits
Description
INT
Indicates that an INT has occurred and that INT flags are pending to be read.
WU
Indicates that a Wake-Up has occurred and that Wake-Up flags are pending to be read.
RST
Indicates that a reset has occurred and that the flags that report the reset source are pending to be read.
CAN-G
The INT, WU or RST source is CAN interface. CAN local or CAN bus source.
LIN-G
The INT, WU or RST source is LIN2 or LIN1 interface
I/O-G
The INT, WU or RST source is I/O interfaces.
SAFE-G
The INT, WU or RST source is from a SAFE condition
VREG-G
The INT, WU or RST source is from a Regulator event, or voltage monitoring event
CAN-LOC
The INT, WU or RST source is CAN interface. CAN local source.
CAN-BUS
The INT, WU or RST source is CAN interface. CAN bus source.
LIN2
The INT, WU or RST source is LIN2 interface
LIN/LIN1
The INT, WU or RST source is LIN1 interface
I/O-0
The INT, WU or RST source is I/O interface, flag from I/O sub adress Low (bit 7 = 0)
I/O-1
The INT, WU or RST source is I/O interface, flag from I/O sub adress High (bit 7 = 1)
VREG-1
The INT, WU or RST source is from a Regulator event, flag from REG register sub adress high (bit 7 = 1)
VREG-0
The INT, WU or RST source is from a Regulator event, flag from REG register sub adress low (bit 7 = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com