Electronic Components Datasheet Search
  English  ▼

X  

33905 Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # 33905
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33905 Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button 33905 Datasheet HTML 96Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 97Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 98Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 99Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 100Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 101Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 102Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 103Page - Freescale Semiconductor, Inc 33905 Datasheet HTML 104Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 103 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
103
33903/4/5
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
4.0
9/2010
5.0
12/2010
6.0
4/2011
• Initial Release - This document supersedes document MC33904_5.
• Initial release of document includes the MC33903 part number, the VDD 3.3 V version description,
and the silicon revision rev. 3.2. Change details available upon request.
• Added Cyclic INT Operation During LP VDD ON Mode 47
• Changed VSUP pin to VSUP1 and pin 2 (NC) to VSUP2 for the 33903 device
• Removed Drop voltage without external PNP pass transistor(13) 20 for VDD=3.3 V devices
• Added VSUP1-3.3 to VDD Voltage regulator, VDD pin 20.
• Added Pull-up Current, TXD, VIN = 0 V 24 for VDD=3.3 V devices
•Revised MUX and RAM registers 66
•Revised Status Bits Description 89
• Added Entering into LP Mode using Random Code 76.
• Removed part numbers MCZ33905S3EK/R2, MCZ33904A3EK/R2 and MCZ33905D3EK/R2, and
added part numbers MCZ33903BD3EK/R2, MCZ33903BD5EK/R2, MCZ33903BS3EK/R2 and
MCZ33903BS5EK/R2.
• Votalge Supply was improved from 27V to 28V.
• Changed Classification from Advance Information to Technical Data.
• Updated Notes in Tables 6.
•Revised Tables 6 ; Attenuation/Gain ratio for I/O-0 and I/O-1 actual voltage: to reflect a Typical
value.
• Corrected typographical errors throughout.
• Added Chip temperature: MUX-OUT voltage (guaranteed by design and characterization)
parameter to Tables 6.
• Updated I/O pins (I/O-0: I/O-3) on page 35.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com