Electronic Components Datasheet Search
  English  ▼

X  

MM912_634 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MM912_634
Description  Integrated S12 Based Relay Driver with LIN
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912_634 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MM912_634 Datasheet HTML 9Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 10Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 11Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 12Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 13Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 14Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 15Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 16Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 345 page
background image
General
MM912_634 Advance Information, Rev. 4.0
Freescale Semiconductor
13
3
Electrical Characteristics
3.1
General
This section contains electrical information for the embedded MC9S12I64 microcontroller die, as well as the MM912_634 analog
die.
3.2
Absolute Maximum Ratings
Absolute maximum ratings are stress ratings only. A functional operation under or outside those maxima is not guaranteed.
Stress beyond those limits may affect the reliability or cause permanent damage of the device.
This device contains circuitry protecting against damage due to high static voltage or electrical fields. However, it is advised that
normal precautions be taken to avoid application of any voltages higher than maximum rated voltages to this high-impedance
circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate voltage level. All voltages are with respect
to ground, unless otherwise noted.
Table 6. Absolute Maximum Electrical Ratings - Analog Die
Ratings
Symbol
Value
Unit
Supply Voltage at VS1 and VS2
Normal operation (DC)
Transient conditions (load dump)
Transient input voltage with external component (according to LIN
Conformance Test Specification / ISO7637-2)
VSUP(SS)
VSUP(PK)
VSUP(TR)
-0.3 to 27
-0.3 to 40
(8)
V
L0…L5 - Pin Voltage
Normal operation with a series RLX resistor (DC)
Transient input voltage with external component (according to LIN
Conformance Test Specification / ISO7637-2)
VLxDC
VLxTR
27 to 40
(8)
V
LIN Pin Voltage
Normal operation (DC)
Transient input voltage with external component (according to LIN
Conformance Test Specification / ISO7637-2)
VBUSDC
VBUSTR
-33 to 40
(8)
V
Supply Voltage at VDDX
VDDX
-0.3 to 5.5
V
Supply Voltage at VDD
VDD
-0.3 to 2.75
V
VDD Output Current
IVDD
Internally Limited
A
VDDX Output Current
IVDDX
Internally Limited
A
TCLK Pin Voltage
VTCLK
-0.3 to 10
V
RESET_A Pin Voltage
VIN
-0.3 to VDDx+0.3
V
Input / Output Pins PTB[0:2] Voltage
VIN
-0.3 to VDDx+0.3
V
HS1 and HS2 Pin Voltage (DC)
VHS
-0.3 to VS2+0.3
V
LS1 and LS2 Pin Voltage (DC)
VLS
-0.3 to 45
V
ISENSEH and ISENSEL Pin Voltage (DC)
VISENSE
-0.3 to 40
V
HSUP Pin Voltage (DC)
VHSUP
-0.3 to VS1+0.3
V
VSENSE Pin Voltage (DC)
VVSENSE
-27 to 40
V
Note:
8.
See Section 3.9, “Additional Test Information ISO7637-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com