Electronic Components Datasheet Search
  English  ▼

X  

MM912_634 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MM912_634
Description  Integrated S12 Based Relay Driver with LIN
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MM912_634 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MM912_634 Datasheet HTML 1Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 2Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 3Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 4Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 5Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 6Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 7Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 8Page - Freescale Semiconductor, Inc MM912_634 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 345 page
background image
Ordering Information
MM912_634 Advance Information, Rev. 4.0
Freescale Semiconductor
2
1
Ordering Information
Table 1. ORDERING INFORMATION
Device
(Add an R2 suffix for
Tape and Reel orders)
Temperature
Range (TA)
Package
Max. Bus
Frequency in MHz
(fBUSMAX)
Flash (kB)
Data Flash (kB)
RAM (kB)
Analog
Option(1)
MM912G634CM1AE
-40°C to 125°C
LQFP48-EP
20
48(2)
2(3)
2(4)
A1
MM912G634CV1AE
-40°C to 105°C
LQFP48-EP
20
48(2)
2(3)
2(4)
A1
MM912G634CV2AP
-40°C to 105°C
LQFP48
16
48(2)
2(3)
2(4)
A2
MM912H634CM1AE
-40°C to 125°C
LQFP48-EP
20
64
4
6
A1
MM912H634CV1AE
-40°C to 105°C
LQFP48-EP
20
64
4
6
A1
Note:
1.
See Table 2.
2.
The 48 kB Flash option (MM912G634) using the same S12I64 MCU with the tested FLASHSIZE reduced to 48 kB. This will limit the
usable Flash area to the first 48 kB (0x3_4000-0x3_FFFF).
3.
The 48 kB Flash option (MM912G634) using the same S12I64 MCU with the tested Data - FLASHSIZE reduced to 2.0 kB. This will limit
the usable Data Flash area to the first 2.0 kB (0x0_4400-0x0_4BFF).
4.
The 48 kB Flash option (MM912G634) using the same S12I64 MCU with the tested RAMSIZE reduced to 2.0 kB. This will limit the
usable RAM area to the first 2.0 kB (0x0_2800-0x0_2FFF).
Table 2. Analog Options(5)
Feature
A1
A2
Battery Sense Module
YES
YES
Current Sense Module
YES
NO
2nd High Side Output (HS2)
YES
YES
Wake-up Inputs (Lx)
L0…L5
L0…L3
Hall Supply Output (HSUP)
YES
YES
LIN Module
YES
YES
Note:
5.
This table only highlights the analog die differences between the derivatives. Features highlighted as “NO” or the Lx Inputs not
mentioned are not available in the specific option and not bonded out and/or not tested. See Section 4.3.3, “Analog Die Options for
detailed information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com