Electronic Components Datasheet Search
  English  ▼

X  

LPC2212 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # LPC2212
Description  Single-chip 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2212 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button LPC2212 Datasheet HTML 34Page - NXP Semiconductors LPC2212 Datasheet HTML 35Page - NXP Semiconductors LPC2212 Datasheet HTML 36Page - NXP Semiconductors LPC2212 Datasheet HTML 37Page - NXP Semiconductors LPC2212 Datasheet HTML 38Page - NXP Semiconductors LPC2212 Datasheet HTML 39Page - NXP Semiconductors LPC2212 Datasheet HTML 40Page - NXP Semiconductors LPC2212 Datasheet HTML 41Page - NXP Semiconductors LPC2212 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
LPC2212_2214
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 14 June 2011
38 of 47
NXP Semiconductors
LPC2212/2214
Single-chip 16/32-bit ARM microcontrollers
Table 10.
External memory interface dynamic characteristics
CL =25 pF; Tamb =40 C.
Symbol
Parameter
Conditions
Min
Typ Max
Unit
Common to read and write cycles
tCHAV
XCLK HIGH to address valid
time
--
10
ns
tCHCSL
XCLK HIGH to CS LOW time
-
-
10
ns
tCHCSH
XCLK HIGH to CS HIGH
time
--
10
ns
tCHANV
XCLK HIGH to address
invalid time
--
10
ns
Read cycle parameters
tCSLAV
CS LOW to address valid
time
[1]
5-
+10
ns
tOELAV
OE LOW to address valid
time
[1]
5-
+10
ns
tCSLOEL
CS LOW to OE LOW time
5-
+5
ns
tam
memory access time
[2][3] (Tcy(CCLK)  (2 + WST1)) +
(
20)
--
ns
tam(ibr)
memory access time (initial
burst-ROM)
[2][3] (Tcy(CCLK)  (2 + WST1)) +
(
20)
--
ns
tam(sbr)
memory access time
(subsequent burst-ROM)
[2][4] Tcy(CCLK) +(20)
-
-
ns
th(D)
data input hold time
[5] 0-
-
ns
tCSHOEH
CS HIGH to OE HIGH time
5-
+5
ns
tOEHANV
OE HIGH to address invalid
time
5-
+5
ns
tCHOEL
XCLK HIGH to OE LOW time
5-
+5
ns
tCHOEH
XCLK HIGH to OE HIGH
time
5-
+5
ns
Write cycle parameters
tAVCSL
address valid to CS LOW
time
[1] Tcy(CCLK)  10
-
-
ns
tCSLDV
CS LOW to data valid time
5-
+5
ns
tCSLWEL
CS LOW to WE LOW time
5-
+5
ns
tCSLBLSL
CS LOW to BLS LOW time
5-
+5
ns
tWELDV
WE LOW to data valid time
5-
+5
ns
tCSLDV
CS LOW to data valid time
5-
+5
ns
tWELWEH
WE LOW to WE HIGH time
[2] Tcy(CCLK)  (1 + WST2)  5-
Tcy(CCLK)  (1 +
WST2) + 5
ns
tBLSLBLSH
BLS LOW to BLS HIGH time
[2] Tcy(CCLK)  (1 + WST2)  5-
Tcy(CCLK)
(1 + WST2) + 5
ns
tWEHANV
WE HIGH to address invalid
time
[2] Tcy(CCLK)  5-
Tcy(CCLK) +5
ns
tWEHDNV
WE HIGH to data invalid time
[2] (2
 T
cy(CCLK))  5-
(2
 T
cy(CCLK))+5
ns
tBLSHANV
BLS HIGH to address invalid
time
[2] Tcy(CCLK)  5-
Tcy(CCLK) +5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com