Electronic Components Datasheet Search
  English  ▼

X  

2N4240 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N4240
Description  NPN TRANSISTOR MEDIUM POWER HIGH VOLTAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4240 Datasheet(HTML) 1 Page - Seme LAB

  2N4240 Datasheet HTML 1Page - Seme LAB 2N4240 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VCEO
Collector – Emitter Voltage
VCB
Collector – Base Voltage
VEB
Emitter – Base Voltage
IC
Collector Current
Continuous
IC
Peak (1)
IB
Base Current
PD
Total Power Dissipation
Derate above 25 °C
TJ , Tstg
Operating and Storage Junction Temperature Range
RqJC
Thermal Resistance , Junction To Case
300V
500V
6V
2A
5A
1A
35W
0.2W / °C
-65 to 200 °C
5.0°C / W
LAB
SEME
2N4240
MECHANICAL DATA
Dimensions in mm
3.68
(0.145) rad.
max.
3.61 (0.142)
3.86 (0.145)
rad.
1.27 (0.050)
1.91 (0.750)
9.14 (0.360)
min.
4.83 (0.190)
5.33 (0.210)
6.35 (0.250)
8.64 (0.340)
NPN TRANSISTOR
MEDIUM POWER
HIGH VOLTAGE
APPLICATIONS
Designed for switching regulator
applications where high frequency and
high voltage swings are required.
TO66 Package.
ABSOLUTE MAXIMUM RATINGS (Tcase=25°C unless otherwise stated)
Prelim. 8/93
NOTES:
(1) Pulse Test: Pulse Width = 5.0 ms , Duty Cycle £ 10%.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk


Similar Part No. - 2N4240

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4240 MOSPEC-2N4240 Datasheet
217Kb / 4P
POWER TRANSISTORS(35W)
logo
Boca Semiconductor Corp...
2N4240 BOCA-2N4240 Datasheet
224Kb / 4P
COMPLEMENTARY MEDIUM-POWER HIGH VOLTAGE POWER TRANSISTORS
logo
Microsemi Corporation
2N4240 MICROSEMI-2N4240 Datasheet
75Kb / 3P
5 Amp, 500V, High Voltage NPN Silicon Power Transistors
logo
Central Semiconductor C...
2N4240 CENTRAL-2N4240 Datasheet
51Kb / 1P
Power Transistors
logo
New Jersey Semi-Conduct...
2N4240 NJSEMI-2N4240 Datasheet
362Kb / 2P
SPRINGFIELD, NEW JERSEY 07081
More results

Similar Description - 2N4240

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX658A ZETEX-FCX658A Datasheet
75Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
ZTX457 ZETEX-ZTX457 Datasheet
35Kb / 1P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
FXT458 ZETEX-FXT458 Datasheet
26Kb / 1P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
ZXTN08400BFF ZETEX-ZXTN08400BFF Datasheet
510Kb / 6P
400V, SOT23F, NPN medium power high voltage transistor
logo
Diodes Incorporated
ZTX658 DIODES-ZTX658 Datasheet
124Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
APRIL 2002
logo
Seme LAB
2N3439CSM4 SEME-LAB-2N3439CSM4_01 Datasheet
40Kb / 2P
HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR
logo
List of Unclassifed Man...
ZTX658STZ ETC2-ZTX658STZ Datasheet
124Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
ZTX457 DIODES-ZTX457_15 Datasheet
46Kb / 1P
NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
MARCH 1994
FZT657 DIODES-FZT657_18 Datasheet
639Kb / 7P
300V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Rev 6
ZXTN08400BFF DIODES-ZXTN08400BFF_16 Datasheet
354Kb / 7P
400V NPN MEDIUM POWER HIGH VOLTAGE TRANSISTOR
Rev 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com