Electronic Components Datasheet Search
  English  ▼

X  

2N4240 Datasheet(PDF) 2 Page - Seme LAB

Part # 2N4240
Description  NPN TRANSISTOR MEDIUM POWER HIGH VOLTAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4240 Datasheet(HTML) 2 Page - Seme LAB

  2N4240 Datasheet HTML 1Page - Seme LAB 2N4240 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIGURE 1 – SWITCHING TIME TEST CIRCUIT
2N4240
Prelim. 8/93
ELECTRICAL CHARACTERISTICS (Tcase = 25°C , unless otherwise stated)
Collector – Emitter
Sustaining Voltage
ICEO
Collector Cutoff Current
ICEX
Collector Cutoff Current
IEBO
Emitter Cutoff Current
IC = 200mA , IB = 0
VCE = 150V , IB = 0
VCE = 450V , VBE(off) = 1.5V
VCE = 450V , VBE(off) = 1.5V , TC =150°C
VBE = 6V , IC = 0
300
5.0
2.0
5.0
0.5
Parameter
Test Conditions
Min.
Typ.
Max.
Unit.
V
mA
mA
mA
Current Gain
Collector – Emitter
Saturation Voltage
Base – Emitter
Saturation Voltage
Base – Emitter
On Voltage
Second Breakdown
Collector Current
IC = 0.1A , VCE = 10V
IC = 0.75A , VCE = 2V
IC = 0.75A , VCE = 10V
IC = 0.75A , IB = 75mA
IC = 0.75A , IB = 75mA
IC = 0.1A , VCE = 10V
(VCC = 100V)
40
10
100
30
150
1.0
1.8
1.4
350
Parameter
Test Conditions
Min.
Typ.
Max.
Unit.
—
V
V
V
mA
hFE
VCE(sat)
VBE(sat)
VBE(on)
Is/b
Current Gain –
Bandwidth Product (2)
Output Capacitance
IC = 200mA , VCE = 10V
ftest = 5.0MHz
VCB = 10V , IE = 0 , f = 1.0MHz
15
120
Parameter
Test Conditions
Min.
Typ.
Max.
Unit.
MHz
pF
fT
Cob
Rise Time
Storage Time
Fall Time
VCC = 200V , IC = 0.75A
RL = 200W , IB1 = 100mA
VCC = 200V , IC = 0.75A
IB1 = IB2 = 75mA
VCC = 200V , IC = 0.75A
IB1 = IB2 = 75mA
0.5
6.0
3.0
Parameter
Test Conditions
Min.
Typ.
Max.
Unit.
mS
mS
mS
tr
ts
tf
OFF CHARACTERISTICS
ON CHARACTERISTICS (1)
DYNAMIC CHARACTERISTICS
SWITCHING CHARACTERISTICS
NOTES:
(1) Pulse Test: Pulse Width = 300
ms , Duty Cycle £ 2%
(2) fT = |hfe| • ftest
RB AND RC varied to obtain desired current levels.
D1 must be fast recovery type.
For td and tr , D1 is disconnected and V2 = 0.
VCEO(sus)
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com