Electronic Components Datasheet Search
  English  ▼

X  

SC16IS740IPW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC16IS740IPW
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS740IPW Datasheet(HTML) 2 Page - NXP Semiconductors

  SC16IS740IPW Datasheet HTML 1Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 2Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 3Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 4Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 5Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 6Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 7Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 8Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
SC16IS740_750_760
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 9 June 2011
2 of 63
NXP Semiconductors
SC16IS740/750/760
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
Up to eight programmable I/O pins (SC16IS750 and SC16IS760 only)
RS-485 driver direction control via RTS signal
RS-485 driver direction control inversion
Built-in IrDA encoder and decoder interface
SC16IS750 supports IrDA SIR with speeds up to 115.2 kbit/s
SC16IS760 supports IrDA SIR with speeds up to 1.152 Mbit/s1
Software reset
Transmitter and receiver can be enabled/disabled independent of each other
Receive and Transmit FIFO levels
Programmable special character detection
Fully programmable character formatting
5-bit, 6-bit, 7-bit or 8-bit character
Even, odd, or no parity
1, 11
2, or 2 stop bits
Line break generation and detection
Internal Loopback mode
Sleep current less than 30
A at 3.3 V
Industrial and commercial temperature ranges
Available in HVQFN24, TSSOP24 (SC16IS750/760) and TSSOP16 (SC16IS740)
packages
2.2 I2C-bus features
Noise filter on SCL/SDA inputs
400 kbit/s maximum speed
Compliant with I2C-bus fast speed
Slave mode only
2.3 SPI features
SC16IS750 supports 4 Mbit/s maximum SPI clock speed
SC16IS760 supports 15 Mbit/s maximum SPI clock speed
Slave mode only
SPI Mode 0
3.
Applications
Factory automation and process control
Portable and battery operated devices
Cellular data devices
1.
Please note that IrDA SIR at 1.152 Mbit/s is not compatible with IrDA MIR at that speed. Please refer to application notes for usage
of IrDA SIR at 1.152 Mbit/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com