Electronic Components Datasheet Search
  English  ▼

X  

SC16IS740IPW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC16IS740IPW
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS740IPW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC16IS740IPW Datasheet HTML 3Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 4Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 5Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 6Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 7Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 8Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 9Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 10Page - NXP Semiconductors SC16IS740IPW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
SC16IS740_750_760
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 9 June 2011
7 of 63
NXP Semiconductors
SC16IS740/750/760
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
6.2 Pin description
a. I2C-bus interface
b. SPI interface
Fig 7.
Pin configuration for HVQFN24
A0
I2C
VDD
XTAL1
RESET
XTAL2
002aab015
GPIO5/DTR
GPIO4/DSR
GPIO3
GPIO2
GPIO1
VSS
SC16IS750IBS
SC16IS760IBS
Transparent top view
terminal 1
index area
6
13
5
14
4
15
3
16
2
17
1
18
CS
SPI
VDD
XTAL1
RESET
XTAL2
002aab401
GPIO5/DTR
GPIO4/DSR
GPIO3
GPIO2
GPIO1
VSS
SC16IS750IBS
SC16IS760IBS
Transparent top view
terminal 1
index area
6
13
5
14
4
15
3
16
2
17
1
18
Table 2.
Pin description
Symbol
Pin
Type Description
TSSOP16 TSSOP24 HVQFN24
CTS
11
1
22
I
UART clear to send (active LOW). A logic 0 (LOW) on the CTS pin
indicates the modem or data set is ready to accept transmit data
from the SC16IS740/750/760. Status can be tested by reading
MSR[4]. This pin only affects the transmit and receive operations
when auto CTS function is enabled via the Enhanced Feature
Register EFR[7] for hardware flow control operation.
TX
12
2
23
O
UART transmitter output. During the local Loopback mode, the TX
output pin is disabled and TX data is internally connected to the
UART RX input.
RX
13
3
24
I
UART receiver input. During the local Loopback mode, the RX
input pin is disabled and TX data is connected to the UART RX
input internally.
RESET
14
4
1
I
device hardware reset (active LOW)[1]
XTAL1
15
5
2
I
Crystal input or external clock input. Functions as a crystal input or
as an external clock input. A crystal can be connected between
XTAL1 and XTAL2 to form an internal oscillator circuit (see
Figure 16). Alternatively, an external clock can be connected to this
pin.
XTAL2
16
6
3
O
Crystal output or clock output. (See also XTAL1.) XTAL2 is used as
a crystal oscillator output.
VDD
1
7
4
-
power supply
I2C/SPI
88
5
I
I2C-bus or SPI interface select. I2C-bus interface is selected if this
pin is at logic HIGH. SPI interface is selected if this pin is at logic
LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com