Electronic Components Datasheet Search
  English  ▼

X  

DX5 Datasheet(PDF) 4 Page - GREATECS

Part # DX5
Description  End Stackable DIP Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DX5 Datasheet(HTML) 4 Page - GREATECS

  DX5 Datasheet HTML 1Page - GREATECS DX5 Datasheet HTML 2Page - GREATECS DX5 Datasheet HTML 3Page - GREATECS DX5 Datasheet HTML 4Page - GREATECS DX5 Datasheet HTML 5Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIP Switches
End Stackable DIP Switches
DX5 Series
sales@greatecs.com
www.greatecs.com
4
13
Resistance
Low
Temperature
Following the test set forth below the
sample shall be left in normal temperature
and humidity conditions for an hour
before measurements are made :
1)Temperature : -40
±3
2)Time: 96 hours
As shown in item 2~6
14
Resistance
High
Temperatur
e
F
ollowing the test set forth below the
sample shall be left in normal temperature
and humidity conditions for an hour
before measurements are made :
1)Temperature : 85
±2
2)Time: 96 hours
1)As shown in item 3~6
2)Contact Resistance:
100m
max.
15 Resistance
Humidity
Following the test set forth below the sample
shall be left in normal temperature and
humidity conditions for an hour before
measurements are made :
1)Temperature : 40
±2
2)Relative Humidity :90~95%
3)Time: 96 hours
1)As shown in item 4,6
2)Contact Resistance:
100m
max.
3)Insulation Resistance:
10M
min.
5. SOLDERING CONDITIONS:
Condition for Soldering – SMT Terminals
The condition mentioned above is the temperature on the Cu foil of the P.C.B surface.
There are cases where board’s temperature greatly differs from switch’s surface
temperature depending on board’s material, size, thickness, etc.
Care, therefore,
should be used not to allow switch’s surface temperature to exceed 260
.
Manual Soldering
(THT Terminals)
Soldering Temperature
Max.350
Continuous Soldering Time
Max. 5 seconds
Precautions in Handling
1. Care should be exercised so that flux from the upper part of the printed
circuit board does not adhere to the switch.
2. Don’t clean the switch body except with top tape sealed type, which can
only spray of cleaning method from top of s/w.
3. Please make sure that there is no flux rose over the surface of the PCB
Temperature
Room
150°
MAX 260°
60sec
120~150sec
TIME(sec)
255°
230°
5~10sec



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com