Electronic Components Datasheet Search
  English  ▼

X  

DX5 Datasheet(PDF) 5 Page - GREATECS

Part # DX5
Description  End Stackable DIP Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DX5 Datasheet(HTML) 5 Page - GREATECS

  DX5 Datasheet HTML 1Page - GREATECS DX5 Datasheet HTML 2Page - GREATECS DX5 Datasheet HTML 3Page - GREATECS DX5 Datasheet HTML 4Page - GREATECS DX5 Datasheet HTML 5Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DIP Switches
End Stackable DIP Switches
DX5 Series
sales@greatecs.com
www.greatecs.com
5
ITEM
DESC.
Q’TY
MATERIALS
TREATMENT
REMARK
1.
COVER
1
HIGH – TEMP.
THERMOPLASTIC
PA-9T UL
94V-0
MOLDED BLACK
-
2.
CONTACT
*
COPPER
GOLD PLATED AT
CONTACT AREA.
-
3.
ACTUATOR
*
THERRMOPLASTIC
LCP
UL
94V-0
MOLDED WHITE
-
4.
TERMINAL
1
BRASS
GOLD PLATED
-
5.
BASE
1
HIGH – TEMP.
THERMOPLASTIC
PA9T
UL
94V-0
MOLDED BLACK
-
6.
TAPE
1
KAPTON
-
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com