Electronic Components Datasheet Search
  English  ▼

X  

DX48 Datasheet(PDF) 3 Page - GREATECS

Part # DX48
Description  SMT Half Pitch Type DIP Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DX48 Datasheet(HTML) 3 Page - GREATECS

  DX48 Datasheet HTML 1Page - GREATECS DX48 Datasheet HTML 2Page - GREATECS DX48 Datasheet HTML 3Page - GREATECS DX48 Datasheet HTML 4Page - GREATECS DX48 Datasheet HTML 5Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DIP Switches
SMT Half Pitch Type DIP Switches
DX48 Series
sales@greatecs.com
www.greatecs.com
3
Applied in the direction of operation.
ON OFF
OFF ON
6 Operation
Force
500 gf max
4.9N max
7
Stop
Strength
1 kgf is applied in the operating direction
and pulling direction operated for a
period of 15 seconds.
There shall be no sign of
damage mechanically.
1)Soldering Temperature :
PROD
SERIES
SMT TYPE TERMINAL
TEMP
260±5
TIME
5~10sce
8
Soldering
Heat
Resistance
2)Duration of Solder Immersion:
5±1seconds.
3)Frequency of Solder Process:
1 times max.
(PCB is 1.6 mm in thickness.)
1)As shown in item 3~6
2)Contact Resistance: 2
max.
(final-after test)
9 Vibration
Shall be vibrated in accordance with
Method 201A of MIL-STD-202F
1)Frequency: 10-55-10 Hz 1 min/cycle.
2)Direction: 3 vertical directions
including the direction of operation
3)Test Time: 2 hours each direction.
1)As shown in item 2~6
2)Contact Resistance: 2
max.)
(final-after test)
10 Shock
Shall be shocked in accordance with
Method 213B Condition A of MIL-STD-
202F
1)Acceleration : 50G
2)Action Time : 11±1 m seconds
3)Testing Direction : 6 sides
4)Test cycle : 3 times in each direction
1)As shown in item 2~6
2)Contact Resistance: 2
max.
(final-after test)
30°~120°



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com