Electronic Components Datasheet Search
  English  ▼

X  

DX48 Datasheet(PDF) 4 Page - GREATECS

Part # DX48
Description  SMT Half Pitch Type DIP Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DX48 Datasheet(HTML) 4 Page - GREATECS

  DX48 Datasheet HTML 1Page - GREATECS DX48 Datasheet HTML 2Page - GREATECS DX48 Datasheet HTML 3Page - GREATECS DX48 Datasheet HTML 4Page - GREATECS DX48 Datasheet HTML 5Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIP Switches
SMT Half Pitch Type DIP Switches
DX48 Series
sales@greatecs.com
www.greatecs.com
4
11 Operation Life
Measurements shall be made
following
the test set forth below:
1)25mA,24 V DC resistive load
2)Rate of Operation : 15~20
cycles/minute
3)Cycle of Operation :
1000 cycles
1)As shown in item
3,4
2)Contact Resistance:
2 max.
(final-after test)
12 Resistance Low
Temperature
Following the test set forth below the
sample shall be left in normal
temperature and humidity conditions
for an hour before measurements are
made :
1)Temperature : -40±3
2)Time : 96 hours
1)As shown in item
2~6
2)Contact Resistance:
2 max.
(final-after test)
13 Resistance High
Temperature
Following the test set forth below the
sample shall be left in normal
temperature and humidity conditions for
an hour before measurements are made :
1)Temperature :85±2
2)Time : 96 hours
1)As shown in item
3~6
2)Contact Resistance :
2 max.
(final-after test)
14
Resistance
Humidity
Following the test set forth below the
sample shall be left in normal
temperature and humidity conditions for
an hour before measurements are made :
1)Temperature : 40±2
2)Relative Humidity : 90~95%
3)Time : 96 hours
1)As shown in item
4~6
2)Contact Resistance :
2 max.
3)Insulation
Resistance:
10 M min .



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com