Electronic Components Datasheet Search
  English  ▼

X  

IS15ABFP4RGB Datasheet(PDF) 3 Page - GREATECS

Part # IS15ABFP4RGB
Description  Programmable LCD Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

IS15ABFP4RGB Datasheet(HTML) 3 Page - GREATECS

  IS15ABFP4RGB Datasheet HTML 1Page - GREATECS IS15ABFP4RGB Datasheet HTML 2Page - GREATECS IS15ABFP4RGB Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LCD Switches
Programmable LCD Switches
IS Series
sales@greatecs.com
www.greatecs.com
OPTIONAL ACCESSORIES: AT9704-02YC SOCKET FOR SINGLE & BICOLOR LED MODELS
OPTIONAL ACCESSORIES: AT548 PANEL MOUNT HOUSING
OPTIONAL ACCESSORIES: AT542 COUPLER
DEMONSTRATION KIT
DEVELOPMENT KIT
Materials: Base - Glass Fiber Reinforced PBT Terminals - Brass/Beryllium Copper
Materials: Polyamide
Material: PBT
IS-DEM KIT-1: Switch Demonstration Kit
IS-DEM KIT-2: Display Demonstration Kit
The demonstration kit is used for displaying bitmaps, up to 64, that have been created
on your PC via the Easy Editor software and USB cable (supplied). This kit contains a LCD
Switch or LC Display with red/green bicolor LED.
IS-DEM KIT-1
IS-DEM KIT-2
IS-DEV KIT-1: One programmable LCD display module and two PCB mounted tact switches,
with flash memory, power and programming connections.
IS-DEV KIT-2: Two LCD programmable pushbutton switches on a PC board with flash me-
mory, power and programming connections.
This development kit consists of 2 LCD Switches with red/green bicolor LED. The kit is
designed to show how 2 switches interact together to accomplish numerous tasks.
IS-DEV KIT-1
IS-DEV KIT 2
All development kits have been preprogrammed and designed to work with software.
Demonstration Kits 1 und 2 are shipped with a LCD Switch or LC Display, USB cable for PC connection, User Guide and CD with soft-
ware. Optional Battery Box is available.
Top
Side
Bottom
Panel Thickness Range:
1.5 ~ 4.0 mm
23.0
20.5
0.51 DiaTyp
6.7
3.9
7.62
12.7
2.5
12.5
1.25 Typ
7.62
12.5
11
7
9
5
3
12
8
10
6
4
13x 0.8 1.0 Dia
~
13
2.5
1.25Typ
1
2
12.7
23.2
12.6
23.7
2.0
17.7
27.5
31.5
27.6
23.7
29.0
16.0
4.2
1.0
1.0
16.0
4.2
0.97Typ
K03



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com