Electronic Components Datasheet Search
  English  ▼

X  

IS15ABFP4RGB Datasheet(PDF) 1 Page - GREATECS

Part # IS15ABFP4RGB
Description  Programmable LCD Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

IS15ABFP4RGB Datasheet(HTML) 1 Page - GREATECS

  IS15ABFP4RGB Datasheet HTML 1Page - GREATECS IS15ABFP4RGB Datasheet HTML 2Page - GREATECS IS15ABFP4RGB Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LCD Switches
Programmable LCD Switches
IS Series
sales@greatecs.com
www.greatecs.com
Enhanced LED Illumination:
» Broad and even light diffusion
» Consistent backlighting
» Low energy consumption
RGB backlighting provides infinite color availability.
Programmable to display graphics, alphanumeric characters and animated sequences.
Integrated liquid crystal display provides wide viewing angle with high contrast and clarity.
Wide viewing area 15.0mm x 10.8mm (horizontal x vertical) at 36 x 24 pixels.
Dome gives crisp tactile feedback to positively indicate circuit transfer.
High reliability and long life of one million actuations minimum.
Epoxy sealed terminals prevent entry of solder flux and other contaminants.
Optional accessories available to enhance panel design and simplify production process.
IS15ABCP4CF
with Yellow LCD
Mode
Part Number
Switch Description
LCD Mode
LED Color
IS15ABFP4RGB
SPST
Momentary ON
Gold Contacts
Straight PC Terminals
Black & White
FSTN Positive
Red/Green/Blue
RGB LED BACKLIGHTING
Part Number
Switch Description
LCD Mode
LED Color
IS15AACP4CF
SPST
Momentary ON
Gold Contacts
Straight PC Terminals
Yellow
STN Positive
Red/Green
STANDARD LED BACKLIGHTING
*
SUPER BRIGHT LED BACKLIGHTING
Part Number
Switch Description
LCD Mode
LED Color
IS15ABCP4CF
SPST
Momentary ON
Gold Contacts
Straight PC Terminals
Yellow
STN Positive
Red/Green
IS15ABCP4E
Yellow
STN Positive
Yellow
IS15ABCP4EF
Yellow
STN Positive
Yellow/Green
IS15ABDP4E
Blue
STN Negative
Yellow
IS15ABDP4EG
Blue
STN Negative
Yellow/Blue
IS15ABDP4B
Blue
STN Negative
White
IS15ABFP4B
Black & White
FSTN Positive
White
*
*
*
*
* Simultaneous illumination of both colors achieves third color.
* Simultaneous illumination of both colors achieves third color.
* Simultaneous RGB illumination achieves infinite colors.
Programmable LC Display
Variety of LED Backlighting
Rubber Dome
Epoxy Sealed Straight PC Terminals
IS15ABFP4RGB
with RGB LED Option
and Black & White
LCD Mode
K01


Similar Part No. - IS15ABFP4RGB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS15ABFP4RGB ETC2-IS15ABFP4RGB Datasheet
262Kb / 4P
Broad and even light distribution
More results

Similar Description - IS15ABFP4RGB

ManufacturerPart #DatasheetDescription
logo
NEC
UPD7225 NEC-UPD7225 Datasheet
289Kb / 52P
PROGRAMMABLE LCD CONTROLLER/DRIVER
logo
Maxim Integrated Produc...
MAX6509 MAXIM-MAX6509 Datasheet
141Kb / 8P
Resistor-Programmable SOT Temperature Switches
Rev 0; 1/00
logo
JDS Uniphase Corporatio...
SCG05D10051-27XF JDSU-SCG05D10051-27XF Datasheet
1Mb / 9P
Benchtop/Rackmount Programmable Switches
logo
Microchip Technology
MCP9509 MICROCHIP-MCP9509 Datasheet
501Kb / 28P
Resistor-Programmable Temperature Switches
2008
logo
GREATECS
IS15 GREATECS-IS15 Datasheet
1Mb / 2P
Compact Programmable LCD Switches
IS15DBFP4RGB GREATECS-IS15DBFP4RGB Datasheet
2Mb / 7P
Programmable High Resolution LCD Switches
logo
Maxim Integrated Produc...
MAX6510HAUT MAXIM-MAX6510HAUT Datasheet
156Kb / 9P
Resistor-Programmable SOT Temperature Switches
Rev 3; 5/13
logo
Microchip Technology
MCP9509CT-E MICROCHIP-MCP9509CT-E Datasheet
335Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
MCP9509HT-E MICROCHIP-MCP9509HT-E Datasheet
335Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
MCP9510HT-E MICROCHIP-MCP9510HT-E Datasheet
346Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com