Electronic Components Datasheet Search
  English  ▼

X  

OSFKS5CS Datasheet(PDF) 3 Page - OptoSupply International

Part # OSFKS5CS
Description  PRODUCT SPECIFICATION FOR 850nm & 940nm Infrared LED Ring
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSFKS5CS Datasheet(HTML) 3 Page - OptoSupply International

  OSFKS5CS Datasheet HTML 1Page - OptoSupply International OSFKS5CS Datasheet HTML 2Page - OptoSupply International OSFKS5CS Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.optosupply.com
VER 3.0
3
Absolute Maximum Ratings(Ta=25℃)
1
Items
Symbol
Values
Units
Operating Supply Range(DC)
Vidc
15
V
Input Current (DC)
Ii
190
mA
Power Dissipation
Pa
2.85
W
Operating Temperature
Tope
-10 ~ +60
DegC
Storage Temperature
Tstg
-20 ~ +50
DegC
Typical Performance (Ta=25℃)
1
Items
Symbol
Min.
Typ.
Max.
Units
LED Module Power
Pm
-
2.16
2.85
w
Input Voltage(DC)
Vi
-
12
15
V
Product Input Current
If
-
180
190
mA
LED Quantity
QTY
-
18
-
PCS
Total Diameter of PCB
Lmod.
-
44
-
mm
Net Weight
Wei.
---
7.44
---
g
Caution
To prevent electric shocks and risk of fire hazards, do NOT use other than
specified power source.
The power supply must through safe attestation. Its output voltage/ current/
voltage polarity and operating temperature must match the requirement.
Please note the IR module’s operating temperature and its using environment
requirement. Avoid using at too high or too low temperatures.
Model No.
OSFKS5XX
REV.
C1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com