Electronic Components Datasheet Search
  English  ▼

X  

OSFKS5CS Datasheet(PDF) 1 Page - OptoSupply International

Part # OSFKS5CS
Description  PRODUCT SPECIFICATION FOR 850nm & 940nm Infrared LED Ring
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSFKS5CS Datasheet(HTML) 1 Page - OptoSupply International

  OSFKS5CS Datasheet HTML 1Page - OptoSupply International OSFKS5CS Datasheet HTML 2Page - OptoSupply International OSFKS5CS Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.optosupply.com
VER 3.0
1
PRODUCT SPECIFICATION FOR 850nm & 940nm Infrared LED Ring
Specifications:
• Diameter (outer): 44mm
• Diameter (inner): 18.75mm
• Height: 9mm
• LEDs: 18pcs
• Each LED watts: 0.12W
• Total Watts: 2.16W
• Volts: 12-15Volts DC
• Lifetime: 20,000hrs
Features:
• IR Power ON –CDS Auto Control
• IR Wavelength 850nm or 940nm
• Color Transparent Type
• Superior UV Resistance
• 0 Lux with IR LED ON. Adopt high Radiant Power IR LED, having very good
night-vision effect
Application:
• Pickup device
• CCTV camera, IR camera
• Monitoring devices
• Remote controlling
Model No.
OSFKS5XX
REV.
C1


Similar Part No. - OSFKS5CS

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSF003106GD-B5SAS1C1A OPTOSUPPLY-OSF003106GD-B5SAS1C1A Datasheet
40Kb / 3P
PRODUCT SPECIFICATION FOR LED Light Module
OSF003106GD-G5DAS1C1A OPTOSUPPLY-OSF003106GD-G5DAS1C1A Datasheet
40Kb / 3P
PRODUCT SPECIFICATION FOR LED Light Module
OSF003106GD-K5DLS1C1A OPTOSUPPLY-OSF003106GD-K5DLS1C1A Datasheet
40Kb / 3P
PRODUCT SPECIFICATION FOR LED Light Module
OSF003106GD-M54LS1C1A OPTOSUPPLY-OSF003106GD-M54LS1C1A Datasheet
40Kb / 3P
PRODUCT SPECIFICATION FOR LED Light Module
OSF003106GD-O5GAS1C1A OPTOSUPPLY-OSF003106GD-O5GAS1C1A Datasheet
40Kb / 3P
PRODUCT SPECIFICATION FOR LED Light Module
More results

Similar Description - OSFKS5CS

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
FRS5IS OPTOSUPPLY-FRS5IS Datasheet
113Kb / 3P
850nm & 940nm Infrared LED Module
OSFRS5LWA OPTOSUPPLY-OSFRS5LWA Datasheet
67Kb / 3P
PRODUCT SPECIFICATION FOR 5mm Round White LED Ring
OSPRO2X2-I3CAS1C1A OPTOSUPPLY-OSPRO2X2-I3CAS1C1A Datasheet
68Kb / 4P
850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
OSPRO2X3-I3CAS1C1A OPTOSUPPLY-OSPRO2X3-I3CAS1C1A Datasheet
69Kb / 4P
12V 850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
FRS5XX OPTOSUPPLY-FRS5XX Datasheet
113Kb / 3P
850nm & 940nm Infrared LED Module Each LED watts: 0.06W
OSFRS5LXX OPTOSUPPLY-OSFRS5LXX Datasheet
67Kb / 3P
PRODUCT SPECIFICATION FOR 5mm Round White LED Ring
OSPRO2X2-XXXAS1C1A OPTOSUPPLY-OSPRO2X2-XXXAS1C1A Datasheet
68Kb / 4P
850nm & 940nm Infrared SMD LED Ring Diameter(outer): 42.1mm
OSPRO2X3-XXXAS1C1A OPTOSUPPLY-OSPRO2X3-XXXAS1C1A Datasheet
69Kb / 4P
12V 850nm & 940nm Infrared SMD LED Ring Total Watts: 0.3W
logo
STANLEY ELECTRIC CO.,LT...
TAN1109F-TR STANLEY-TAN1109F-TR Datasheet
574Kb / 21P
Infrared LED (Peak wavelength : 940nm)
logo
Rohm
RLD94SAQ6 ROHM-RLD94SAQ6 Datasheet
277Kb / 4P
940nm Infrared VCSEL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com