Electronic Components Datasheet Search
  English  ▼

X  

MB6 Datasheet(PDF) 4 Page - GREATECS

Part # MB6
Description  SMT Double Action Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MB6 Datasheet(HTML) 4 Page - GREATECS

  MB6 Datasheet HTML 1Page - GREATECS MB6 Datasheet HTML 2Page - GREATECS MB6 Datasheet HTML 3Page - GREATECS MB6 Datasheet HTML 4Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Multi-Direction Switches
SMT Double Action Switch
MB6 Series
sales@greatecs.com
www.greatecs.com
4
H01
11
Operating
Life
Measurements shall be made following
the test forth below
1 5mA,5 VDC resistive load
2 Applying a static load the operating
force to the center of the stem in the
direction of operation
Static Load
OF Max.
3 Cycle of Operation
30,000 cycles Min
1 Operating force:±30% of
initial force
2 Contact Resistance:
10
Max
3 Insulation Resistance:
10M
Min
4 Bounce:
20 m seconds max
Voltage: AC 250V 1minute
Min
12
Resistance
Low
Tempera- ture
Following the test set forth below
the sample shall be left in normal
temperature and humidity
conditions for 1 hour before the
measurements are made:
1 Temperature:-30±2
2 Time: 96 hours
1 Contact Resistance:
10
Max
2 Insulation Resistance:
10M
Min
3 Bounce:
20 m seconds max
4
Voltage: AC 250V 1minute
Min
13
Heat
Resistance
Following the test set forth below the
sample shall be left in normal
temperature and humidity conditions
for 1 hour before the measurements
are made:
1 Temperature:85±2
2 Time: 96 hours
Ditto
14
Humidity
Resistance
Following the test set forth below
the sample shall be left in normal
temperature and humidity
conditions for 1 hour before the
measurements are made:
1 Temperature:40±2
2 Relative Humidity: 90~95%
3 Time: 96 hours
Ditto
5. SOLDERING CONDITIONS:
Temperature
Room
150°C
MAX 260°C
60sec
120~150sec
TIME(sec)
255°C
230°C
5~10sec
Manual Soldering
Soldering Temperature
Max. 350 °C
Continuous Soldering Time
Max. 5 seconds
Reflowl Soldering
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com