Electronic Components Datasheet Search
  English  ▼

X  

MB6 Datasheet(PDF) 1 Page - GREATECS

Part # MB6
Description  SMT Double Action Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

MB6 Datasheet(HTML) 1 Page - GREATECS

  MB6 Datasheet HTML 1Page - GREATECS MB6 Datasheet HTML 2Page - GREATECS MB6 Datasheet HTML 3Page - GREATECS MB6 Datasheet HTML 4Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Multi-Direction Switches
SMT Double Action Switch
MB6 Series
HEIGHT “L” (see drawins):
30
38
L = 3.00 mm [.118 inch]
L = 3.80 mm [.150 inch]
MB6
How to order:
1
1
sales@greatecs.com
www.greatecs.com
1
Unit: mm [inch]
General Tolerance: ± 0.2 mm
H01
P.C.B. LAYOUT (View from the Direction A)
Operating Force - Travel Chart
Circuit
All products of GREATECS are RoHS compliant.
Item
Object
Qty
Materials
Treatment
1
Base
1
Nylon UL 94V-0
Black
2
Terminals
1
Copper Alloy
Silver Pla ng
3
Dustcover
1
PTFE
White
4
Contact Disc
2
Stainless Steel
Silver Cladding
5
Cover
1
Nickel Silver
6
Stem
1
Nylon UL 94V-0
Black


Similar Part No. - MB6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB6 ETC2-MB6 Datasheet
541Kb / 3P
Multipurpose Boxes with Lids
logo
Multicomp Pro
MB6 MULTICOMP-MB6 Datasheet
204Kb / 2P
Multipurpose Boxes with Lids
21/05/21 V1.0
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
Magnetic field sensor
MB60-8GM50-E2 PF-MB60-8GM50-E2 Datasheet
207Kb / 2P
Magnetic field sensor
MB60-8GM50-E2-V3 PF-MB60-8GM50-E2-V3 Datasheet
253Kb / 2P
Magnetic field sensor
More results

Similar Description - MB6

ManufacturerPart #DatasheetDescription
logo
Alcoa international inc...
99-600 ALCOA-99-600 Datasheet
118Kb / 2P
Double Action, Blind Bolt
99-589 ALCOA-99-589 Datasheet
146Kb / 2P
Double Action, Blind Bolt
logo
Gamewell-FCI by Honeywe...
MS-7 GAMEWELL-FCI-MS-7 Datasheet
389Kb / 2P
Double action station
logo
ALPS ELECTRIC CO.,LTD.
SPEE ALPS-SPEE Datasheet
295Kb / 3P
Horizontal Type Double Action
logo
E-SWITCH
TS2 E-SWITCH-TS2 Datasheet
157Kb / 1P
SMT SNAP ACTION SWITCH
logo
Cherry Semiconductor Co...
E19-00A0 CHERRY-E19-00A0 Datasheet
532Kb / 3P
Snap Action Switch Double Pole General Purpose
logo
Tyco Electronics
408-4485 MACOM-408-4485 Datasheet
112Kb / 5P
Double Action Hand Tool
logo
SHINMEI ELECTRIC CO., L...
TSW-12 SHINMEI-TSW-12 Datasheet
323Kb / 8P
Multi-Functional Switch (Double Action Tactile Rotary Encoder)
logo
TE Connectivity Ltd
C-90120 TEC-C-90120 Datasheet
67Kb / 1P
DOUBLE ACTIon HAND TOOL
A
logo
Schurter Inc.
MSMDP19 SCHURTER-MSMDP19_V01 Datasheet
622Kb / 7P
Momentary action switch double pole
05.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com