Electronic Components Datasheet Search
  English  ▼

X  

2N6782 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N6782
Description  N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N6782 Datasheet(HTML) 1 Page - Seme LAB

  2N6782 Datasheet HTML 1Page - Seme LAB 2N6782 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N6782
6/00
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VDS
Drain Source Voltage
GR
Drain Gate Voltage (RGS = 1MW)
ID @Tcase = 25°C
Continuous Drain Current
ID @Tcase = 100°C
Continuous Drain Current
IDM
Pulsed Drain Current 1
VGS
Gate Source Voltage
PD@ Tcase = 25°C
Maximum Power Dissipation
PD@ Tcase = 100°C
Maximum Power Dissipation
Junction to Case
Linear Derating Factor
Junction to ambient
Linear Derating Factor
TJ,Tstg
Operating and Storage Temperature Range
Lead Temperature
(1/16” from case for 10 secs)
100V
100V
±3.5V
±2.25A
±8V
±40V
15W
6W
0.12W/°C
0.005W/°C
-55 to +150°C
300°C
MECHANICAL DATA
Dimensions in mm (inches)
N–CHANNEL
POWER MOSFET
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• FAST SWITCHING
• MOTOR CONTROLS
• POWER SUPPLIES
TO39
0.89
(0.035)
max.
0.66 (0.026)
1.14 (0.045)
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
5.08 (0.200)
typ.
45˚
12.70
(0.500)
min.
4.19 (0.165)
4.95 (0.195)
8.89 (0.35)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
7.75 (0.305)
8.51 (0.335)
dia.
1
2
3
Pin 1 - Source
Pin 2 - Gate
Pin 3 Drain and Case


Similar Part No. - 2N6782

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6782 MICROSEMI-2N6782 Datasheet
102Kb / 2P
N-CHANNEL MOSFET
2N6782 MICROSEMI-2N6782 Datasheet
183Kb / 4P
N-CHANNEL MOSFET
logo
Seme LAB
2N6782 SEME-LAB-2N6782 Datasheet
57Kb / 2P
N?밅HANNEL POWER MOSFET ENHANCEMENT MODE
logo
New Jersey Semi-Conduct...
2N6782 NJSEMI-2N6782 Datasheet
243Kb / 2P
N-CHANNEL POWER MOSFET ENHANCEMENT MODE
logo
Seme LAB
2N6782LCC4 SEME-LAB-2N6782LCC4 Datasheet
21Kb / 2P
N-CHANNEL POWER MOSFET
More results

Similar Description - 2N6782

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com